PART |
Description |
Maker |
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
09-65-2048 09-65-2068 09-65-2058 09-65-2028 09-65- |
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,5 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2POS 3.96MM VERT TIN 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11CKT 3.96MM WAFER W/LOCK 527311A 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 3.96MM WAFER W/LOCK 527312A 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
87831-1421 87831-1621 87831-3820 87831-5019 87831- |
878311421 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt Slot/Stdf.76AuLF 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Slot/Stdf.38AuLF 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Stdf GF LF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Slot/Stdf.38AuLF 36Ckt 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,34 Contacts,PIN,0.079 Pitch,PC TAIL Terminal,LOCKING MECH
|
Molex, Inc. MOLEX INC
|
90120-0129 90120-0138 90120-0121 90120-0767 90120- |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 18kt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 1Ckt 1 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:40; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS .100 STR TIN 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
39870-0707 39870-0712 39870-0704 39870-0509 39870- |
5mm pluggable header 7 position 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,12 Contacts,PIN 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 5mm pluggable header 4 position 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 5MM VERT TIN 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 871606 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
90814-3924 90814-3622 90814-0904 90814-3608 90814- |
P'FLEX SMT H'R HI-TEMP W PEGS AU 24CKT 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 22CKT 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT PICOFLEX SMT HEADER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 26CKT 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP W PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P/FLEX SMT H/R W/O PEGS 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:8.89mm Header; Number of Contacts:10; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:11.43mm
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
|