PART |
Description |
Maker |
M80-500000000-03-331-00-000 M80-500000000-03-318-0 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 3 x 3.5mm PC Tail Power contacts 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
22-28-4082 22-28-5020 22-28-5023 42375-0668 42375- |
Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN, HEADER, 2.54MM, 2POS, VERT, SINGLE ROW 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN, HEADER, 2-POS, .1" SP, AU 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 05 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 08 Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 05 Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 03 Ckt 15 SGold 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 02 Ckt 15 SGold 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 7=7X1 0.1'' T/H VERTICAL 42375 HEADER 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 36 Ckt Tin 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 07 Ckt Tin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 02 Ckt 30 SGold 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 08 Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HDR .100" 10PIN VERT M SN .025"SQR MOLEX 22-28-4101 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 35 Ckt Tin KK 100 Hdr Assy Bkwy 06 Ckt 15 SGold 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 20 Ckt Tin KK 100 Hdr Assy Bkwy 16 Ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Assy Bkwy 09 Ckt 15 SGold Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.100 Pitch,PC TAIL Terminal
|
Molex, Inc. MOLEX INC
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
73644-0117 73644-2000 73644-0016 73644-3116 73644- |
HDM BP GP A 30 SAu GF 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP KEYED W/GUIDE &POL 736442000 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 736440016 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 144CKT HDM BACKPLANE MODU 736443116 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 2MM HDM BP GP Polz Pn AA 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:72; Pitch Spacing:2mm; No. of Rows:6; Series:HDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM Bkpln Mod W/PolKey 144Ckt 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP GP Polz Pn 30 SAu GF 72Ckt
|
Molex, Inc. MOLEX INC
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
10-88-3241 10-88-3041 10-88-3042 10-88-3061 10-88- |
CGrid R/A Bkwy HPro Hdr Tin 24Ckt 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr Tin 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr Tin 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr Tin 30Ckt 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 10883081 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr 15 SAu 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN, HDR, 2X10 POS, 0.100 CTR, R/A 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr 15 SAu 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr 15 SAu 28Ckt 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr 15 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr 15 SAu 22Ckt 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid R/A Bkwy HPro Hdr 15 SAu 30Ckt 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER HEADER, 14 PIN, 0.100", RIGHT ANGLE, OPEN
|
Molex, Inc. MOLEX INC
|
70551-0043 70551-0046 70551-0037 70551-0071 70551- |
SL R/A Latch Hdr /Split Pg 15 SAu 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,3 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,LOCKING MECH 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 30 SAu 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg 15 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 705510002 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SL R/A Latch Hdr /Split Pg Tin 20Ckt SL R/A Latch Hdr /Split Pg 15 SAu 8Ckt
|
Molex, Inc. MOLEX INC
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|