PART |
Description |
Maker |
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
SMBG17CA MASMBG17CAE3 MQSMBG17C MQSMBG17CA MASMBG1 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
STPSC606 STPSC606D STPSC606G-TR |
6 A, 600 V, SILICON CARBIDE, RECTIFIER DIODE, TO-220AC 600 V power Schottky silicon carbide diode
|
STMicroelectronics
|
SDR656CTMZ SDR656CTM SDR656CTZ |
40 A, 600 V, SILICON, RECTIFIER DIODE, TO-254AA 40AMPS 600 VOLTS 30 nsec HYPER FAST CENTERTAP RECTIFIER
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
SDR4006HFPTXV SDR4004HFNS SDR4004HFNTX SDR4004HFNT |
40 A, 600 V, SILICON, RECTIFIER DIODE 40A 35nsec 400 to 600 V Hyper Fast Rectifier
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
SML60EUZ06B |
Enhanced Ultrafast Recovery Diode 600 Volt, 60Amp 60 A, 600 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
DO-214AA SMB/DO-214AA SMBJ58CA |
600 Watt Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressors 600瓦瞬态电压抑制器
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
STPSC406 STPSC406B-TR STPSC406D |
4 A, 600 V, SILICON CARBIDE, RECTIFIER DIODE 600 V power Schottky silicon carbide diode
|
STMicroelectronics
|
600-055 |
600-055 Calibration Key and 600-072-1 Standard and 600-086-1 Micro Gauges
|
Glenair, Inc.
|
APT30DQ60KG |
Fast Recovery Epitaxial Diode; Package: TO-220 [K]; IO (A): 30; VR (V): 600; trr (nsec): 19; VF (V): 2; Qrr (nC): 400; 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-220
|
Microsemi, Corp.
|
B49410B2366Q000 |
Single cell 3600 F/ 2.5 V
|
EPCOS[EPCOS]
|
|