Part Number Hot Search : 
0624I T10100 PZTA44 128P30 PXB4219E GA100 MA40088 IR01D214
Product Description
Full Text Search
  3600 Datasheet PDF File

For 3600 Found Datasheets File :: 129045    Search Time::3.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ENH104V2-600 ENH104V2-380 ENH104V2-450

WEDC[White Electronic Designs Corporation]
Part No. ENH104V2-600 ENH104V2-380 ENH104V2-450
OCR Text .... Input power voltage is single 3.3V/5V for LCD driving. Both 3.3V-CMOS and 5.0V-CMOS level voltage are acceptable for logic input voltage. ...600 ENH104V2-380/450/600 Color TFT-LCD Module Features SPECIFICATIONS SPECIFICATION 211.2 (H) x...
Description ENH104V2-380/450/600 Color TFT-LCD Module Features
ENH104V2-380/450/600 Color TFT-LCD Module Features

File Size 133.47K  /  15 Page

View it Online

Download Datasheet





    BYC10-600

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BYC10-600
OCR Text ...orward t = 10 ms current. t = 8.3 ms sinusoidal; Tj = 150C prior to surge with reapplied VRWM(max) Storage temperature Operating junction te...600 V VR = 500 V; Tj = 100 C IF = 10 A to VR = 400 V; dIF/dt = 500 A/s IF = 10 A to VR = 400 V; dIF/...
Description    Rectifier diode ultrafast, low switching loss
Rectifier diode ultrafast/ low switching loss

File Size 57.35K  /  6 Page

View it Online

Download Datasheet

    BY233-600

意法半导
STMicroelectronics
SGS Thomson Microelectronics
Part No. BY233-600
OCR Text ...) Junction-case Parameter Value 3 Unit C/W August 1998 Ed : 1A 1/5 BY 233-600 ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS Synbol IR Tj = 25C Tj = 100C VF Tj = 25C Tj = 100C IF = 8A Test Conditions VR = VRRM Min. Typ. Max. 2...
Description 10 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC
Fast Recovery Rectifier Diodes(快速恢复整流二极管)

File Size 78.66K  /  5 Page

View it Online

Download Datasheet

    BYC8-600 BYC8-600.127 BYC8-600-15

NXP Semiconductors
Part No. BYC8-600 BYC8-600.127 BYC8-600-15
OCR Text ...ing losses in associated mosfet 3. applications ? continuous current mode (ccm) power factor correction (pfc) ? half-bridge/full-bridge swit...600 v i f(av) average forward current = 0.5 ; t mb 109 c; square-wave pulse; fig. 1 ; fig. 2 - ...
Description Hyperfast power diode in a SOD59 (2-lead TO-220AC) plastic package
BYC8-600_15

File Size 181.70K  /  9 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Part No. 1SR139-600
OCR Text ...liability ROHM : MSR 291 3.00.2 6 291 2.50.2 Construction Silicon epitaxial planar Manufacture Date St...600 1 40 150 -40 to +150 Unit V V A A Electrical characteristics (Ta=25C) Parameter Forward vo...
Description Rectifier diode

File Size 153.87K  /  4 Page

View it Online

Download Datasheet

    HTM4-600

SemiHow Co.,Ltd.
Part No. HTM4-600
OCR Text 3. gate ? repetitive peak off- state voltage: 600v ? r.m.s on ?state current (i t(rms) = 4a) ? high commutation dv/dt features htc4-600 2 1 3 to-126 2 1 3 to-126ml htm4-600 general description the triac htx4-600 is suitable fo r ac switchin...
Description 600V 4A TRIAC

File Size 338.76K  /  6 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Part No. 1SR154-600
OCR Text ... 0.10.02 0.1 5.00.3 1 5 4.50.2 1.20.3 Features 1) Small power mold type. (PMDS) 2) High reliability. 2.0 ...600 1 30 150 -55 to +150 5.30.1 0.05 9.50.1 Unit V V A A Min. - Typ. - Max. 1.1 10...
Description Rectifier diode

File Size 148.38K  /  4 Page

View it Online

Download Datasheet

    BYM10-600-E3/75 BYM10-600-E3/1 BYM10-100-E3

VISHAY SEMICONDUCTORS
Vishay Siliconix
Part No. BYM10-600-E3/75 BYM10-600-E3/1 BYM10-100-E3
OCR Text ...on is covered by patent no. 3,996,602, brazed-lead assembly to patent no. 3,930,306 major ratings and characteristics i f(av) 1.0 a ...600 bym 10-800 bym 10-1000 unit standard recovery device: 1st band is white gl41a gl41b gl41d gl41...
Description 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB
Surface Mount Glass Passivated Junction Rectifier

File Size 97.06K  /  5 Page

View it Online

Download Datasheet

    VISHAY SEMICONDUCTORS
Part No. BY500-600-E3 BY500-200/91-E3
OCR Text ...40 60 8 0 100 120 140 0 1.0 2.0 3.0 4.0 5.0 6.0 0. 8 x0. 8 x 0.04" (20 x 20 x 1m m) copper heatsinks 0.375" (9.5m m) lead length t a =am b ient temperat u re t l = lead temperat u re resisti v eor ind u cti v e load p.c.b. mo u nted on 0.2 ...
Description 5 A, 600 V, SILICON, RECTIFIER DIODE, DO-201AD
5 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD

File Size 297.55K  /  4 Page

View it Online

Download Datasheet

For 3600 Found Datasheets File :: 129045    Search Time::3.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0377039909363