PART |
Description |
Maker |
MAX17085B |
Integrated Charger Dual Main Step-Down Controllers and Dual LDO Regulators
|
Maxim Integrated Products
|
MAX17085B |
Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
|
Maxim Integrated Products
|
MAX15022 MAX15022ATI |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
|
Maxim Integrated Products
|
MAX15022ATI |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
|
Maxim Integrated Produc...
|
MAX1816 MAX1816ETM MAX1994ETM |
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
|
MAXIM[Maxim Integrated Products]
|
MAX1545 MAX1519 |
dual-phase, Quick-PWM™, step-down controllers From old datasheet system
|
Maxim
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MAX1626 MAX1626ESA MAX1626-MAX1627 MAX1627 MAX1627 |
5V/3.3V or Adjustable / 100% Duty-Cycle / High-Efficiency / Step-Down DC-DC Controllers 5V/3.3V or Adjustable 100% Duty-Cycle High-Efficiency Step-Down DC-DC Controllers 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers 0.05 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1744AUB MAX1745AUB MAX1745EUB MAX1744EUB MAX174 |
High-Voltage, Step-Down DC-DC Controllers in 渭MAX High-Voltage, Step-Down DC-DC Controllers in μMAX
|
Maxim Integrated Products Maxim Integrated Produc...
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
LTC3869 LTC3869-2 |
2-Phase Synchronous Step-Down DC/DC Controllers
|
Linear Technology
|