PART |
Description |
Maker |
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
M80-4C10642F1-02-326-02-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
RX03-L15S-P1 RX03-L9P-F1 RX03-L25S-U1 |
15 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER 9 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT 25 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
50-37-5073 50-37-5123 50-37-5023 MOLEXINC-50-37-50 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1; Pitch Spacing:0.098" 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Connector Housing; Gender:Female; Number of Contacts:12; Series:5264-N SPOX(TM); Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Shroud:Yes 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HEADER CONNECTOR,CABLE MNT,PLUG,2 CONTACTS,0.098 PITCH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
LVX-A40SFYG LVX-A30SFYG LVX-A40LMSG |
40 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 30 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 40 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Honda Tsushin Kogyo Co., Ltd. HONDA TSUSHIN KOGYO CO LTD
|
PC324-12B PC324-12RA PC324-12RB PC324-12PA PC324-1 |
Subminiature PCB Telecom Relay With Bifurcated Contacts
|
PICKER[Picker Components]
|
RTTC34B07 RTTC8708S |
1 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK 2 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SNAP FIT, JACK
|
SWITCHCRAFT INC
|
ZX62-AB-5PA11 ZX62D-AB-5P8 |
5 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE ROHS COMPLIANT 5 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER AND SMT, RECEPTACLE ROHS COMPLIANT
|
Vicor, Corp.
|
|