PART |
Description |
Maker |
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
SG117A SG117 SG217 SG217A SG317 SG317A JAN117K JAN |
Positive Adjustable Linear Voltage Regulators ADJUSTABLE POSITIVE REGULATOR, MBCY3 From old datasheet system 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR GT 6C 6#16 PIN RECP BOX ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
OM1321NKM OM1321STM OM1321N2M OM1321NMM OM1321NTM |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator 高可靠性可调电压三端稳压器 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, CBCC3
|
International Rectifier, Corp. ETC[ETC] List of Unclassifed Manufacturers
|
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LT1038 LT1038C LT1038CK LT1038M LT1038MK |
10Amp Positive Adjustable Voltage Regulator 10 Amp Positive Adjustable Voltage Regulator From old datasheet system
|
Linear Technology
|
LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
Renesas Electronics, Corp. Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM11710 LM317 LM317T |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, SFM3 1.2 V to 37 V adjustable voltage regulators
|
http:// STMicroelectronics
|
HS9S-117RH/PROTO HSYE-117RH/PROTO HS2-117RH/PROTO |
Regulator, Linear, Adjustable 1.2V to 37V, 5mA to 1.25A, Rad-Hard Radiation Hardened Adjustable Positive Voltage Regulator Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil Corporation
|