PART |
Description |
Maker |
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-11-2172 22-04-5109 22-04-5129 22-04-5198 22-04- |
Header, Vertical Friction Lock; Number of Contacts:17; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 19 Ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Gold 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 24CKT STRGHT PIN 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 23 Ckt Gold 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 15 Ckt Tin 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 11 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:21; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 03 Ckt Tin 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt 20 AU 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 13 Ckt Tin 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Gold 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 08 Ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Series:6373; Body Material:PA Polyamide (Nylon) 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 26 Ckt Tin 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:15; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 02 Ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 22 Ckt Gold 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 16 Ckt Tin Multipole Connector; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:6373; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Tin
|
Molex, Inc. MOLEX INC
|
09-65-2048 09-65-2068 09-65-2058 09-65-2028 09-65- |
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,5 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2POS 3.96MM VERT TIN 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11CKT 3.96MM WAFER W/LOCK 527311A 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 3.96MM WAFER W/LOCK 527312A 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
YTW-09-09-L-Q-300-050 YTW-09-09-G-Q-300-050 YTW-09 |
36 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 145 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 300 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 185 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 76 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 152 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 8 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 90 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 195 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 136 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 294 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 245 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 164 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
74099-2013 74099-1013 74099-1003 74099-1009 74099- |
SL SMT VT Shrd Hdr 30 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 15 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:3; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .100 VERT 9POS SMD 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 30 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
74059-2533 74059-1051 74059-2561 74059-2562 74059- |
VHDM BP 6 ROW SHLD END ASSY 25 COL 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 6 ROW SHLD END ASSY 10 COL 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 6 Row 25 Column Shield End Assy 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:150; Pitch Spacing:2mm; No. of Rows:6; Series:VHDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM 6 Row BP Assy 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
53612-S26-8LF 53612-G40-6 53612-G40-4 53612-G10-2 |
26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
|
FCI connector
|
51700-11200412BCLF 51700-11907419CA 51700-30801208 |
28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 108 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 108 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 116 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 158 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 86 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 86 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 110 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 98 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
|
|