PART |
Description |
Maker |
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
50516-A040A 50516-A070G 50516-C104C 50516-C110C 50 |
162 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 282 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 418 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 442 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 450 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 242 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 322 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
50536-A040A 50536-A37A 50536-A67J 50536-A025J 5053 |
162 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 150 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 270 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 102 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 174 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
|
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48- |
KK 156 Hdr Assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway Header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V
|
Molex, Inc. MOLEX INC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
73644-0117 73644-2000 73644-0016 73644-3116 73644- |
HDM BP GP A 30 SAu GF 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP KEYED W/GUIDE &POL 736442000 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 736440016 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 144CKT HDM BACKPLANE MODU 736443116 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 2MM HDM BP GP Polz Pn AA 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:72; Pitch Spacing:2mm; No. of Rows:6; Series:HDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM Bkpln Mod W/PolKey 144Ckt 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP GP Polz Pn 30 SAu GF 72Ckt
|
Molex, Inc. MOLEX INC
|
26-51-0232 26-51-0072 26-51-0022 26-51-1061 |
Breakaway Header; No. of Contacts:23; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Breakaway Header; No. of Contacts:2; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
ITT, Corp. Molex, Inc. MOLEX INC
|
90130-1138 90130-1238 90130-1112 90130-1124 90130- |
C-Grid Shrd Hdr DR Vt Sn-A 38/38 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR Vt Au-E 38/38 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:12; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:18; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS .100 STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
90136-1109 90136-1107 90136-1304 |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR Vt Au-F 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Ecliptek, Corp. Molex, Inc.
|
|