PART |
Description |
Maker |
10VR7M |
120 V, 50/60 HZ, SINGLE PHASE EMI FILTER
|
|
1EDK1 1EDK3 |
120 V, 50/60 HZ, SINGLE PHASE EMI FILTER
|
CORCOM INC
|
ISD4002-120 ISD4002-120E ISD4002-120ED ISD4002-120 |
Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 180 -40秒持续时 Single-Chip Voice Record/Playback Device(Single-chip Durations of 120 seconds)(单片的录录音重放一片信息存储持续时120秒)) 单芯片语音记播放设备(单芯片的持续时120秒)(单片的录音/录音重放器(一片信息存储持续时120秒) Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 150 - 180 -240秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 150 - 80 -40秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 80 -240秒持续时 Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations 单芯片语音记播放设备120 - 50 - 80 -40秒持续时 Single-Chip Voice Record/Playback Devices 120-/ 150-/ 180-/ and 240-Second Durations
|
Winbond Electronics, Corp. Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
REDIN120-24/3AC REDIN120-3AC |
120 Watt 3 Phase DIN-Rail Power Supply
|
Recom International Pow...
|
VBO25 VBO25-16NO2 VBO25-08NO2 VBO25-12AO2 VBO25-12 |
Single Phase Rectifier Bridge 38 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
FAN8461GX FAN8461G |
DC Cooling Fan Single phase driver Single Phase Full Wave BLDC Motor Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
FBO40-12N |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM
|
IXYS[IXYS Corporation]
|
1210A 1206A 1202A 1210UFA 1202FA 1202UFA 1206FA 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
NCP6132ADMNR2G NCP6132AMNR2G NCP6132BMNR2G |
Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
NCP6153MNTWG |
Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|