PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|
AQV255 AQV258AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
70S2-04-B-03-V |
TRANSISTOR OUTPUT SOLID STATE RELAY
|
GRAYHILL INC
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ODC5 CRYDOMCORP-ODC5MA |
TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
SSC1000-25 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
CRYDOM CORP
|