PART |
Description |
Maker |
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
70543-0251 70543-0045 70543-0248 70543-0278 70543- |
CGRID SL VHDR TIN 5 CKT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR TIN 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 150 30 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR SR 30 GOLD 4CKT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd VHdr SR 120 Tin 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 120 15 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
26-51-0232 26-51-0072 26-51-0022 26-51-1061 |
Breakaway Header; No. of Contacts:23; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Breakaway Header; No. of Contacts:2; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
ITT, Corp. Molex, Inc. MOLEX INC
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
90136-1109 90136-1107 90136-1304 |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR Vt Au-F 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Ecliptek, Corp. Molex, Inc.
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
98414-F06-18UA03 98414-F06-48UA03 98414-F06-38UA03 |
18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SHR HEADER 2.00 VERTICAL TMT
|
Bourns, Inc. Glenair, Inc. FCI connector
|
|