PART |
Description |
Maker |
NFL18ST307X1C3D NFL18ST507X1C3D NFL18ST207X1C3 |
FILTER LC HIGH FREQ 18PF 0603 1 FUNCTIONS, 16 V, 0.2 A, DATA LINE FILTER FILTER LC HIGH FREQ 10PF 0603 1 FUNCTIONS, 16 V, 0.2 A, DATA LINE FILTER EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size) EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
0434.250NRP 0434.500NRP 043402.5NRP 043403.5NRP 04 |
Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
|
Littelfuse
|
BLM18HE601SN1B BLM18HE601SN1D BLM18HE601SN1J BLM18 |
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size) EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
NFL18SP207X1A3D |
1 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0603, 3 PIN
|
Murata Manufacturing Co., Ltd.
|
93.732.5053.0 |
Connector; Gender:Male; No. of Contacts:8; Series:ST series ; Body Material:Thermoplastic; Connector Shell Size:64 x 66mm; Contact Plating:Tin; Operating Voltage:300V; Wire Size (AWG):22-12; Voltage Rating:300V RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
AS91L1003BU10F100C AS91L1003BU10F100CF AS91L1003BU |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:5; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:10-5 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:12-10 Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:12-10 ER 14C 4#16 10#12 PIN RECP APHMS3102A28-18SW RES 47.0K 1% 0.1W 0603 Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; Number of Contacts:14; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle The AS91L1006BU is a one to 6-port JTAG gateway 该AS91L1006BU是一6口的JTAG网关 The AS91L1006BU is a one to 6-port JTAG gateway 该AS91L1006BU是一口的JTAG网关 Circular Connector; No. of Contacts:34; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-34 该AS91L1006BU是一口的JTAG网关 PT 41C 41#20 PIN RECP 该AS91L1006BU是一口的JTAG网关 CAP 0.1UF 50V 10% X7R SMD-1210 BULK BASE/BARR/SOLDER S-M55681 该AS91L1006BU是一口的JTAG网关 The AS91L1006BU is a one to 6-port JTAG gateway AS91L1006BU是一口的JTAG网关
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
PL00131-WCG17 |
PL00131 Series SMD LED 0603 Package
|
P-tec Corporation
|
PL00133-WCG17 |
PL00133 Series SMD LED 0603 Package
|
P-tec Corporation
|
PL00133-WCB11 |
PL00133 Series SMD LED 0603 Package
|
P-tec Corporation
|
SA57031-XX SA57031-25 SA57031-26 SA57031-31 SA5703 |
Micropower 150 mA, low-noise, low dropout linear regulator with on/off 微功耗为150 mA,低噪声,低压差线性稳压器的开/ RECTIFIER BRIDGE 25A 800V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY CAP CERAMIC MONO .1UF 50V 10% Ceramic Multilayer Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:1.2pF; Capacitance Tolerance: 0.5pF; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0603; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1.5pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitance:1pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
|
TE Connectivity, Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
GRM36COG151J050AD GRM39COG151J050AD GRM39COG221J05 |
CAP 150 _PF 5, REEL IS PREFERD CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00015 uF, SURFACE MOUNT, 0402 CAP, 150PF, NPO, 50V, 5%, 0603 CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00015 uF, SURFACE MOUNT, 0603 CAP, 220PF, NPO, 50V, 5%, 0603 CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00022 uF, SURFACE MOUNT, 0603 CAP, 100PF, NPO, 50V, 5%, 0603 CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0001 uF, SURFACE MOUNT, 0603 CAP NPO CHIP 22P 5% 50V SMT 0603 CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.000022 uF, SURFACE MOUNT, 0603 12 PF 5% 50V NPO/COG (0603) CHIP CAP TR CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.000012 uF, SURFACE MOUNT, 0603 CAP, 20PF, NPO, 50V, 5%, 0603 CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00002 uF, SURFACE MOUNT, 0603 CAP 12PF 50V 2% C0G SMD-0402 TR-7 SN-PB CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.000012 uF, SURFACE MOUNT, 0402
|
Murata Manufacturing Co., Ltd.
|
|