PART |
Description |
Maker |
STS1542C12VDC STP1632C24VDC STY1544C48VDC STY1544C |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.015A (COIL), 12VDC (COIL), 180mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.034A (COIL), 24VDC (COIL), 816mW (COIL), 2A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 912mW (COIL), 10A (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.034A (COIL), 24VDC (COIL), 816mW (COIL), 10A (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.004A (COIL), 18VDC (COIL), 72mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.028A (COIL), 70VDC (COIL), 1960mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 3VDC (COIL), 81mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.045A (COIL), 45VDC (COIL), 2025mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.028A (COIL), 12VDC (COIL), 336mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.004A (COIL), 48VDC (COIL), 192mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.028A (COIL), 70VDC (COIL), 1960mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
ALLIED CONTROLS INC
|
CECC16101-008-04-08-06 CECC16101-008-14-04-02 CECC |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.136A (COIL), 6VDC (COIL), 816mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-RIGHT ANGLE MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.02A (COIL), 48VDC (COIL), 960mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.02A (COIL), 48VDC (COIL), 960mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-RIGHT ANGLE MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1033.5mW (COIL), 3A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.015A (COIL), 76VDC (COIL), 1140mW (COIL), 3A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.083A (COIL), 12VDC (COIL), 996mW (COIL), 3A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.136A (COIL), 6VDC (COIL), 816mW (COIL), 3A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 912mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.015A (COIL), 76VDC (COIL), 1140mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-RIGHT ANGLE MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 12VDC (COIL), 720mW (COIL), 3A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
HI-G ITALIA SRL
|
FTR-B3GB1.5Z FTR-B3SB1.5Z FTR-B3GA024Z FTR-B3GA009 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.067A (COIL), 1.5VDC (COIL), 100mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.01A (COIL), 24VDC (COIL), 230mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.016A (COIL), 9VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.011A (COIL), 9VDC (COIL), 100mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
ASX2001H ASX200A06Z ASX20009 ASX2004H ASX21003 ASX |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.033A (COIL), 1.5VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 6VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.006A (COIL), 9VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.011A (COIL), 4.5VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.012A (COIL), 3VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.004A (COIL), 9VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
|
TX2-12V TX2SL-4.5V-Z-1 TX2SS-L2-1.5V-Z-1 TX2SL-L-3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Capacity High Breakdown Voltage, 2 Form C, 2A 30VDC, PC Board Terminal Type, Gold Contact POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.134A (COIL), 1.5VDC (COIL), 200mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic
|
HH53PAC12V50HZ HH53PAC48V50HZ HH52SU-CRAC100-110V5 |
POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 1200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 1400mW (COIL), 7A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.037A (COIL), 24VDC (COIL), 900mW (COIL), 5A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.01A (COIL), 110VDC (COIL), 900mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 1200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 1400mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.019A (COIL), 48VDC (COIL), 900mW (COIL), 5A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 1400mW (COIL), 3A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.01A (COIL), 110VDC (COIL), 900mW (COIL), 3A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 1400mW (COIL), 3A (CONTACT), 30VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 1400mW (COIL), 5A (CONTACT), 30VDC (CONTACT), PANEL MOUNT
|
FUJI ELECTRIC CO LTD
|
BR17M-F4-V3 BR17A-G4-V2 BR17M-E4-V2 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.029A (COIL), 26VDC (COIL), 754mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.063A (COIL), 12VDC (COIL), 756mW (COIL), 2A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
BABCOCK INC
|
FCA-215-AY4 FCA-210 FCA-210-AY4 FCA-210-EW9 FCA-21 |
Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 2800mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
List of Unclassifed Manufacturers ETC[ETC] Tyco Electronics
|
2BC-2B-107E 1BC-1A-109E HI-GITALIASRL-1BC-4A-140E |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.023A (COIL), 7VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.014A (COIL), 7.1VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.032A (COIL), 3.2VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.071A (COIL), 1.4VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
FCA-210-CY8 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 10A (CONTACT), PANEL MOUNT
|
|
|