PART |
Description |
Maker |
2M801 2M804 |
SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
|
List of Unclassifed Man...
|
10TPE47MAZB 8TPE100MAZB 6TPE470M |
TPE series has low ESR and can aid in creating thinner and smaller products.
|
List of Unclassifed Man...
|
0354179002 |
1.27mm (.050) Tab Terminal, Brass, Wire Range 18-22 AWG (0.85-0.30mm2), Pre-TinPlated, Smaller Conductor Crimp Area 1.27mm (.050") Tab Terminal, Brass, Wire Range 18-22 AWG (0.85-0.30mm虏), Pre-TinPlated, Smaller Conductor Crimp Area
|
Molex Electronics Ltd.
|
CXA1507-0000-000N00E40E8 CXA1507-0000-000N00E427F |
LED array expands Crees family of high flux, multi die arrays in a smaller
|
Cree, Inc
|
1419 |
Bulk Metal Foil Technology, 10 Pin Transistor Outline Hermetic Resistor Network, Largest R Capacity of the Smaller TO Series
|
Vishay
|
AQ1 LAQ2P101MEL LAQ2D102MEL |
Snap-in Terminal Type, Permissible Abnormal Voltage, Smaller-sized, Wide Temperature Range ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器
|
Nichicon Corporation Nichicon, Corp.
|
SK310A SK32A SK35A SK35A-TP SK32A-TP SK34A-TP SK38 |
Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space Same Electrical Characteristics As The SMC Version
|
Micro Commercial Components Microsemi Corporation
|
MDT10P73 |
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
|
List of Unclassifed Manufacturers
|
CSNE151 |
CSN Series closed loop current sensor, measures AC, DC or impulse current, 25 amp-turns nominal, 卤 36 amp-turns range, smaller housing, 1000 turn
|
Honeywell Solid State Electronics Center
|