PART |
Description |
Maker |
MC68HC11E0CFNE2 |
M68HC11 CPU, Power-saving stop and wait modes, Low-voltage devices available (3.0?.5 Vdc)
|
Freescale Semiconductor, Inc
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
NCV8614B NCV8614BMNR2G |
Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
|
ON Semiconductor
|
NCV8612B NCV8612BMNR2G |
Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
|
ON Semiconductor
|
FL10801 |
Power saving low side coil driver
|
Melexis Microelectronic...
|
NCP81038MNTWG NCP5228 |
Synchronous Buck Controller with Auto Power Saving
|
ON Semiconductor
|
F71808A F71808AU |
Smart LPC IO With CIR & Power Saving Function
|
Feature Integration Technology Inc.
|
OS-OC011NKG8 |
Dimmer OS-OC011NKG8 Low power consumption,Energy saving
|
OptoSupply International OptoSupply Internationa...
|
BHXXPB1WHFV BHXXPB1WHFV09 |
CMOS LDO Regulators with Auto Power Saving Function
|
Rohm
|
UC3800 |
LOW COST POWER-SAVING MODE PWM CONTROLLER
|
Unisonic Technologies
|
NCP5392T NCP5392TMNR2G |
2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
|
ON Semiconductor
|