PART |
Description |
Maker |
IM-10 CR-6 DH500 ST-10 ST-1.5 CZ-6 1551B |
Multiple Input and Output Modules Intelligent Duct Smoke Detector
|
Systemsensor advanced ideas.
|
HES61-30 HES61-31 HES61-32 HES61-33 HES61-34 HES61 |
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HPU60-T050KK HPU60 HPU60-30 HPU60-31 HPU60-32 HPU6 |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 60 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU60 SERIES
|
Total Power Internation... TOTAL-POWER[Total Power International]
|
TPVP93-T050MI TPVP93 TPVP93-D033I TPVP93-D033K TPV |
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP93 SERIES
|
http:// TOTAL-POWER[Total Power International]
|
HSU45-32 HSU60-13 HSU45-20 HSU60-20 HSU100-24 HSU1 |
DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES 具有可选的双交流输入AC - DC
|
Alpha Industries, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
2N1015B 2N1015D 2N1015F 2N1016E 2N1016A 2N1016F |
5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 7.5AI(丙)|2 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) | TO-81 晶体管|晶体管|叩| 300V五(巴西)总裁| 7.5AI(丙)|1 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|叩| 250V五(巴西)总裁| 7.5AI(丙)|2
|
Electronic Theatre Controls, Inc. STMicroelectronics N.V. Lattice Semiconductor, Corp.
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|