PART |
Description |
Maker |
TL1270F160REQAT |
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
|
E-SWITCH
|
TL1270F160REQBT |
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
|
E-SWITCH
|
G3VM-601DY1 |
Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
|
Omron Electronics LLC
|
4300.5065 4300.5064 4300.5063 4300.5062 4300.5061 |
IEC Appliance Inlet C14 with Filter, Increased Dielectric Strength
|
Schurter Inc.
|
N-14-40-0-C-CL 0192520144 |
368.30mm (14.500) UV Black Cable Tie, 40 Pound Tensile Strength, 100/Bag 368.30mm (14.500") UV Black Cable Tie, 40 Pound Tensile Strength, 100/Bag
|
Molex Electronics Ltd.
|
RDXA-R2180-T1690A RDXA-R1855-T1765A RDXA-R2385-T23 |
Dielectric Ceramic Filters and Duplexers 介质陶瓷滤波器和双工 Dielectric Ceramic Filters and Duplexers 841 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 942.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 947.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2385 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2800 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 852 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 813 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 881.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 808 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2140 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 1310 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 1930 MHz, DIELECTRIC BPF
|
Raltron Electronics, Corp. Vectron International, Inc.
|
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
SA110A SA11A SA13ARL SA43ARL SA33ARL SA24ARL SA14A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 500 Watt Peak PowerMiniMOSORB Zener Transient Voltage Suppressors 500 W Peak Power MiniMOSORB Zener Transient Voltage Suppressor Unidirectional 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors STANDOFF,M-F,1/4H,4-40X.25SS Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:3300pF; Capacitance Tolerance: 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:1206; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.01uF; Capacitance Tolerance: 5%; Voltage Rating:25VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0805; Termination:SMD RoHS Compliant: Yes
|
On Semiconductor
|
TDA4320X Q67000-A-5000 TDA4320XGEG |
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack; No. of Contacts:1 RoHS Compliant: Yes FM-IF with Counter Output, Field Strength Indicator, Noise Detector and MUTE Setting From old datasheet system FM-IF with Counter Output, Field Strength Indicator,Noise Detector and MUTE Setting FM-IF with Counter Output/ Field Strength Indicator/ Noise Detector and MUTE Setting FM-IF with Counter Output, Field Stre...
|
SIEMENS AG Siemens Semiconductor Group Infineon
|
C1210X393JZGACAUTO C1812X393BDGACAUTO C1812X393BCG |
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
|
Kemet Corporation
|
CS4352-DZZR CS4352-CZZ CS4352-CZZR CS435207 |
192 kHz Stereo DAC with 2 Vrms Line Out SERIAL INPUT LOADING, 24-BIT DAC, PDSO20 192 kHz Stereo DAC with 2 Vrms Line Out 192千赫立体声DAC 2 Vrms的线路输
|
Cirrus Logic, Inc.
|