Part Number Hot Search : 
KS0076B 4ALVC 7082B HER207 119DUR 200K10 122BCA 4ALVC
Product Description
Full Text Search
  coated Datasheet PDF File

For coated Found Datasheets File :: 4966    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VISAY[Vishay Siliconix]
Part No. RPS500
OCR Text ...ase Alumina onto base of nickel coated copper Resistive Element Cermet End Connections Screws M4 (M5 on request) Tightening Torque on Connections 2Nm 4Nm Tightening Torque on Heatsink 250g 10% Weight Mechanical Protection Substrate O 21...
Description Power Resistors for Mounting onto a Heatsink Thick Film Technology

File Size 251.23K  /  4 Page

View it Online

Download Datasheet





    IRF36 IRF-36

VISAY[Vishay Siliconix]
Part No. IRF36 IRF-36
OCR Text coated, Axial Leaded FEATURES * High performance ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000H. * Axial lead type, small lightweight design. * Special magnetic core structure contr...
Description Inductors Epoxy Conformal coated, Axial Leaded

File Size 113.79K  /  1 Page

View it Online

Download Datasheet

    Vishay
Part No. 499D686X06R3D3AE3 499D686X06R3D1AE3 499D686X96R3D2AE3 499D686X96R3D3AE3
OCR Text ...89d , 499d vishay sprague resin-coated, radial-lead solid tantalum capacitors fe a t ur e s ? terminatio ns: stand ard sn pb, 100 % tin ava ilabl e ? larg e ca pacitan ce ra nge ? encapsu l ated in a ha rd orang e epoxy resin ? l...
Description Solid Tantalum Capacitors

File Size 207.01K  /  9 Page

View it Online

Download Datasheet

    Amtex
Part No. FKC05
OCR Text ... IEC950, UL1950, EN60950 Nickel-coated copper shield -25C to +70C non derating -40C to +85C non derating -M1 option -40C to +85C with derating -M2 option 5% to 95% RH Free air convection MIL-STD-810D Meets EN55022A EN61000-4-2, -3, -4, -5, ...
Description 5 WATT DC DC CONVERTER

File Size 104.58K  /  2 Page

View it Online

Download Datasheet

    TELEDYNE TECHNOLOGIES INC
Part No. SRF300-5/R
OCR Text ...urface mount relays are solder-coated by default (notes 6 & 7) coil voltage teledyne part numbering system for smt relays srf300/srf303 page 2 specifications are subject to change without notice ? 2009 teledyne relays srf300srf303\0620...
Description POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 5VDC (COIL), 500mW (COIL), 1A (CONTACT), 28VDC (CONTACT), SURFACE MOUNT-STRAIGHT

File Size 130.95K  /  3 Page

View it Online

Download Datasheet

    S10140-1007 S10140-1008 S10140-1009 S10141-1007S S10141-1008S S10141-1009S S10141-1107S S10141-1108S S10141-1109S S10140

Hamamatsu Corporation
Part No. S10140-1007 S10140-1008 S10140-1009 S10141-1007S S10141-1008S S10141-1009S S10141-1107S S10141-1108S S10141-1109S S10140-1107 S10140-1108 S10140-1109
OCR Text ...ional outlines) Quartz glass AR-coated sapphire 1 CCD area image sensor s Absolute maximum ratings (Ta=25 C) Parameter Operating temperature Storage temperature OD voltage RD voltage ISV voltage ISH voltage IGV voltage IGH voltage S...
Description CCD area image sensor Low readout noise, high resolution (pixel size: 12 μm)
CCD area image sensor Low readout noise, high resolution (pixel size: 12 レm)

File Size 200.96K  /  8 Page

View it Online

Download Datasheet

    S7017-1007 S7017-1008

Hamamatsu Corporation
Part No. S7017-1007 S7017-1008
OCR Text ...etically-sealed package with AR-coated sapphire window. Type No. Cooling Number of active pixels 1024 x124 1024 x 252 Active area [mm (H) x mm (V)] 24.576 x 2.976 24.576 x 6.048 s General ratings Parameter CCD structure Fill factor Numb...
Description CCD area image sensor

File Size 179.87K  /  8 Page

View it Online

Download Datasheet

    S7847-1007 S7847-1008

Hamamatsu Corporation
Part No. S7847-1007 S7847-1008
OCR Text ...etically-sealed package with AR-coated sapphire window. Active area [mm (H) x mm (V)] 24.576 x 2.976 24.576 x 6.048 s General ratings Parameter CCD structure Fill factor Number of active pixels Pixel size Active area Vertical clock p...
Description CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs

File Size 182.80K  /  8 Page

View it Online

Download Datasheet

    S9038-0902S S9037-1002 S9037-0902 S9038-1002S

Hamamatsu Corporation
Part No. S9038-0902S S9037-1002 S9037-0902 S9038-1002S
OCR Text ...indow equivalent to SUPRASIL AR-coated sapphire *1: Window-less type is available as option. 1 CCD image sensor s Absolute maximum ratings (Ta=25 C) Parameter Operating temperature Storage temperature OD voltage RD voltage ISH volta...
Description IMAGE SENSOR-CCD, 12.288(H) X 0.096(V) PIXEL, 1-5V, RECTANGULAR, THROUGH HOLE MOUNT
CCD image sensor High-speed operation, back-thinned FFT-CCD

File Size 179.12K  /  9 Page

View it Online

Download Datasheet

    S9737-01 S9737-02 S9737-03 S9737

Hamamatsu Corporation
Part No. S9737-01 S9737-02 S9737-03 S9737
OCR Text ...age None (covered with tape) AR coated Sapphire S9737-01 S9737-03 Non-cooled Plate type None 1 CCD area image sensor s Absolute maximum ratings (Ta=25 C) Parameter Operating temperature Storage temperature CCD cooling temperature...
Description CCD area image sensor 1024 × 1024 pixels, front-illuminated FFT-CCDs
CCD area image sensor 1024 】 1024 pixels, front-illuminated FFT-CCDs

File Size 793.10K  /  9 Page

View it Online

Download Datasheet

For coated Found Datasheets File :: 4966    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of coated

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72385191917419