PART |
Description |
Maker |
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
A8188SLT A8188SL 8188 A8188SL-XX A8188SLT-31 A8188 |
3.1 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 LOW-DROPOUT REGULATORS . HIGH EFFICIENCY LOW-DROPOUT REGULATORS - HIGH EFFICIENCY
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
8205 A8205SLH A8205SLH-XX A8205SLH-ADJ A8205SLH-3. |
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY LOW-DROPOUT REGULATORS - HIGH EFFICIENCY 低压差稳压器-高效 2 V-6.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
MSK5100-5.0E |
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, DSO10
|
M.S. Kennedy, Corp.
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
SI-3011ZF |
High-Current, Low-Dropout, 1.1~5 V Regulato HIgh-Current, Low-Dropout, 1.1~5V Regulator
|
ALLEGRO[Allegro MicroSystems]
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
RC5534N RM5534A RC5534 RC5534A RC5534AN |
High Performance Low Noise Operational Amplifier High Performance Low Nosic Operational Amplifier 电压反馈运算放大
|
Fairchild Semiconductor
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|