PART |
Description |
Maker |
CEC050C CEC010C CPC1R5C CMC200J CEC150J CEC221J CE |
Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
|
Cornell Dubilier Electronics
|
F471K29Y5RN6UK5R F271K33Y5RR6.K7 F272K84Y5RR83K0 F |
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC F Series Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC CAPACITOR, CERAMIC, 3000 V, Y5P, 0.0001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, Y5P, 0.00056 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
|
Vishay Siliconix Vishay BCcomponents
|
WKO392 WKO102 WKO152 WKO222 WKO222MCPCRAKR WKO330 |
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
|
Vishay Siliconix
|
WYO472MCMCRAKR WYO472MCMCRBKR WYO472MCMSDFKR |
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
|
Vishay Siliconix
|
W1X103SCVCF0KR |
AC Line Rated Ceramic Disc Capacitors Class X1, 275 VAC
|
Vishay Siliconix
|
D18020U2JH6 D15020U2JH6 D22020U2JH6 D27020U2JH6 D1 |
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
|
Vishay Siliconix
|
VY1330K31Y5SG6V0 VY1330K31Y5SG6VX VY1151K31Y5SQ6UV |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
VY1102M35Y5UG63V0 VY1222M47Y5UQ6 VY1222M47Y5UQ6UV0 |
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC VY1 X760Y500VAC 2,2NF 20% Y5U BULK E3 - Bulk AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix Vishay BCcomponents
|
CS11ZU2GA472MAGKA-17 |
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
|
TDK Electronics
|
CD45-B2GA471K-GKA |
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
|
TDK Electronics
|
|