PART |
Description |
Maker |
ATXMEGA64B1-14 |
8/16-bit Atmel XMEGA B1 Microcontroller
|
ATMEL Corporation
|
ATMEGA324P-B-14 |
8-bit Atmel Microcontroller with 16/32/64Kbytes In-system Programmable Flash
|
ATMEL Corporation
|
ATMEGA644A ATMEGA644PA ATMEGA164A11 ATMEGA324PA AT |
8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA2560 ATMEGA2560V ATMEGA2561 A000063 A000067 |
8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
AVR32850 |
The ATSAM4L-EK is a reference design and development system for the 32-bit ARM? Cortex -M4 ATSAM4LC4C microcontroller from Atmel? Corporation.
|
ATMEL Corporation
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
ATMEGA128-16MU ATMEGA128-16AU ATMEGA128-16AUR ATME |
Microcontroller with 128KBytes In-System Programmable Flash 8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash 8-bit Microcontroller with 128K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
STK521 |
Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
|
ATMEL Corporation
|
ATXMEGA256A3BU-AUR |
8/16-bit Atmel XMEGA A3BUMicrocontroller
|
ATMEL Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ATXMEGA32E5-14 ATXMEGA16E5-14 |
8/16-bit Atmel AVR XMEGA Microcontrollers
|
ATMEL Corporation
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|