PART |
Description |
Maker |
X9279TB X9279TBI X9279TB-2.7 |
Single Digitally-Controlled (XDCP) Potentiometer 单数字控制(数字电位器)电位 IC,FLASH MEMORY,64 MB,120NS,3.0V,48 TSOP AM29DL800 FLASH MEM 8MB 70NS TSOP-48
|
Xicor Inc.
|
AM-542MC AM-542MM AM-542MR AM-543MC |
250NS, TSOP, COM TEMP(FLASH) 250NS, TSOP, IND TEMP(FLASH) 150NS, PLCC, COM TEMP(FLASH) 120NS, PLCC, IND TEMP(FLASH) 仪表放大器,数字可编
|
Sanyo Electric Co., Ltd.
|
K4H560438E-ULAA K4H560838E-ULAA K4H560438E-UCAA K4 |
256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant) 256Mb的电子芯片与DDR SDRAM的规格铅66 TSOP-II免费(符合RoHS
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K4S281632F-UC75 K4S280432F-UC K4S280832F-UC75 K4S2 |
8M X 16 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 32M X 4 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant) 128Mb的的F -模与铅SDRAM的规4 TSOP-II免费(符合RoHS CAP 0.1UF 100V 10% X7R SMD-1206 TR-7-PL 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
CXK5T81000ATN/AYN-10LLX CXK5T81000ATN/AYN-12LLX CX |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 8 X 13.40 MM, PLASTIC, TSOP-32 131072-word x 8-bit High Speed CMOS Static RAM
|
Electronic Theatre Controls, Inc. SONY
|
10DRA60 |
FRD - 1A 600A 120ns 1 A, 600 V, SILICON, SIGNAL DIODE
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
10ERB60 |
Long Life Miniature Relay, PCB Type FRD - 1A 600V 120ns
|
NIEC[Nihon Inter Electronics Corporation]
|
FAN2508 FAN2509S25 FAN2509S30 FAN2509S285 FAN2508X |
50 mA CMOS LDO Regulators VOLT REGULATOR|FIXED| 2.5V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.85V|CMOS|TSOP|6PIN|PLASTIC
|
Fairchild Semiconductor
|
HY57V281620HCT-HI HY57V281620HCLT-8I |
SDRAM|4X2MX16|CMOS|TSOP|54PIN|PLASTIC From old datasheet system SDRAM,4X2MX16,CMOS,TSOP,54PIN,PLASTIC
|
Hynix Semiconductor
|
CY14B104K CY14B104K-ZS20XC CY14B104K-ZS20XCT CY14B |
Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 25ns; Supply Voltage: 3V; Temperature Range: 0° to 70°C; Package: 44-TSOP-II; Features: Real-Time Clock 4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 256K X 16 NON-VOLATILE SRAM, 25 ns, PDSO54 4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 256K X 16 NON-VOLATILE SRAM, 20 ns, PDSO54
|
CYPRESS SEMICONDUCTOR CORP Cypress Semiconductor, Corp.
|
CAT28C64BFT13-12TE13 CAT28C64BFT13-12TE7 CAT28C64B |
8K X 8 EEPROM 5V, 120 ns, PDSO28 8 X 13.40 MM, TSOP-28 8K X 8 EEPROM 5V, 120 ns, PDSO32 8 X 14 MM, TSOP-32 8K X 8 EEPROM 5V, 200 ns, PDSO28 8K X 8 EEPROM 5V, 150 ns, PDSO32
|
ON Semiconductor
|