PART |
Description |
Maker |
CS8422-DNZ |
Converters - Sample Rate IC 24-bit 192kHz SRC S/PDIF Receiver SPECIALTY CONSUMER CIRCUIT, QCC32 24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
|
Cirrus Logic, Inc.
|
AK4121A10 |
Asynchronous Sample Rate Converter
|
Asahi Kasei Microsystems
|
SM5950BM |
Asynchronous Sample Rate Converter
|
Nippon Precision Circuits Inc
|
SM5849BF |
Asynchronous Sample Rate Converter
|
Nippon Precision Circuits Inc
|
AD1896AYRSZ |
192 kHz Stereo Asynchronous Sample Rate Converter
|
Analog Devices
|
243NQ100 243NQ 243NQ080 243NQ090 243NQ100R |
100V 240A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-QFN; Leaded Process Compatible:No; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-TSSOP; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Supply Voltage:5.25V; Frequency:192GHz RoHS Compliant: Yes Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:96GHz; Interface Type:Serial; Leaded Process Compatible:No; No. of Drivers:1; No. of Receivers:1; Operating Temp. Max:70 C RoHS Compliant: No SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
AKD4127-A |
digital sample rate converter.
|
Asahi Kasei Microsystems
|
AK4125 |
digital sample rate converter.
|
Asahi Kasei Microsystems
|
CDB8420 |
DIGITAL AUDIO SAMPLE RATE CONVERTER
|
Cirrus Logic
|
LC78845Q |
Sample Rate Converter for Digital Audio
|
Sanyo Semicon Device
|
CS8420 8420 |
From old datasheet system DIGITAL AUDIO SAMPLE RATE CONVERTER
|
CIRRUS[Cirrus Logic]
|
WSC28X0 |
24-bit interface in total, Pixel sample rate up to 165M pixels/sec
|
List of Unclassifed Manufacturers
|