PART |
Description |
Maker |
STM32F303VCT6 |
ARM Cortex-M4 32b MCU FPU, up to 256KB Flash 48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
|
STMicroelectronics
|
STM32F373C8 STM32F372VBT6 STM32F373CC STM32F373V8 |
ARM Cortex-M4 32b MCU FPU, up to 256KB Flash 32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
|
STMicroelectronics
|
STM32F301K8 |
ARM Cortex-M4 32-bit MCU FPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ?3.6 V
|
STMicroelectronics
|
STM32F401RE STM32F401VE STM32F401VD STM32F401VDH6 |
STM32 Dynamic Efficiency MCU, ARM Cortex-M4 core with DSP and FPU, up to 512 Kbytes Flash, 84 MHz CPU, Art Accelerator STM32 Dynamic Efficiency MCU, ARM Cortex-M4 core with DSP and FPU, up to 384 Kbytes Flash, 84 MHz CPU, Art Accelerator
|
STMicroelectronics N.V. ST Microelectronics
|
STM32F334K6T6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 32-Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, comparators, op-amp, hr timer
|
ST Microelectronics
|
STM32F756NG STM32F756NGH6 |
High-performance and DSP with FPU, ARM Cortex-M7 MCU with 1 Mbytes Flash, 200 MHz CPU, Art Accelerator, L1 cache, HW crypto, SDRAM, TFT
|
ST Microelectronics
|
STM32L475RE STM32L475XX STM32L475VG |
Ultra-low-power ARM Cortex-M4 32-bit MCU FPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
|
STMicroelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
STM32L051C6T6 STM32L051C6T6TR STM32L051C8 STM32L05 |
Ultra-low-power ARM Cortex-M0 MCU with 32 Kbytes Flash, 32 MHz CPU Ultra-low-power ARM Cortex-M0 MCU with 64 Kbytes Flash, 32 MHz Ultra-low-power ARM Cortex-M0 MCU with 64 Kbytes Flash, 32 MHz CPU
|
ST Microelectronics
|
STM32F215RET6 STM32F217VG STM32F217IEH6 |
High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator, HW crypto High-performance ARM Cortex-M3 MCU with 1 Mbyte Flash, 120 MHz CPU, ART Accelerator, Ethernet, HW crypto High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator, Ethernet, HW crypto
|
ST Microelectronics
|
LPC1820FET100 |
32-bit ARM Cortex-M3 MCU??kB flash, 168kB SRAM, TFBGA100 package
|
NXP Semiconductors N.V.
|
|