Part Number Hot Search : 
MPO40S48 BYV26D MC4418 16244 SMCJ54CA AD311 BR108 QL3004
Product Description
Full Text Search
  32b Datasheet PDF File

For 32b Found Datasheets File :: 274    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Silonex
Part No. NSL-32b-100
OCR Text ...9 fax: 01 229 581 554 qf-84 nsl-32b-100 series optocouplers features compact, moisture resistant package low led current passive resistance output description this optocoupler consists of an led input optically coupled to a photoc...
Description Optocoupler

File Size 47.27K  /  1 Page

View it Online

Download Datasheet





    KLP-32B

KODENSHI KOREA CORP.
Part No. KLP-32b
OCR Text 32b-x-x is a high bright ingan blue led, and has the optimized optical characteristics. features ? transparent epoxy encapsulent ? high optical output applications ? display ? indicator ? signage maximum ratings [ ta=25 c ] *1. i fp...
Description Light Emitting Diode(InGaN)

File Size 194.30K  /  2 Page

View it Online

Download Datasheet

    Microsemi, Corp.
MICROSEMI CORP-SCOTTSDALE
Part No. MPZ5-32b MPZ5-16B MPZ5-32C MPZ5-180C MPZ5-32A MPZ5-16A
OCR Text ...pz5 - 16b mpz5 - 32a mpz5 - 32b mpz5 - 32c mpz5 - 180a mpz5 - 180b mpz5 - 180c 14 14 28 28 28 165 165 165 10 10 20 20 20 1 17 117 117 1.25 1.25 1.25 1.25 1.25 1.14 1.14 1.14 16 ...
Description High Power Transient Voltage Suppressor and Zener 40000 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 124.45K  /  2 Page

View it Online

Download Datasheet

    NSL-32B-100

List of Unclassifed Manufacturers
ETC[ETC]
Part No. NSL-32b-100
OCR Text
Description OOPTOCOUPLERS

File Size 66.25K  /  1 Page

View it Online

Download Datasheet

    ST32ETA502

Vishay Siliconix
Part No. ST32ETA502
OCR Text ...(unit: mm) st-32a, g, ea, eg st-32b, h, eb, eh for reflo w soldering 1.2 0. 8 3.2 1.2 0 1.6 5 . 1 9 . 0 6 . 4 1 2 . 1 n ote) the zero point is the center of mo u nting. 1.2 0. 8 3.2 1.2 0 1.6 2 . 2 9 . 0 6 1 9 . 1 dimensions in millimeter...
Description Surface Mount Cermet Trimmers (single turn)

File Size 371.23K  /  7 Page

View it Online

Download Datasheet

    LC866408B LC866412B LC866416B LC866420B LC866424B LC866428B LC866432B LC866436B LC866440B LC866444B LC866448B

SANYO[Sanyo Semicon Device]
Part No. LC866408B LC866412B LC866416B LC866420B LC866424B LC866428B LC866432b LC866436B LC866440B LC866444B LC866448B
OCR Text 32b/28B/24B/20B/16B/12B/08B 8-Bit Single Chip Microcontroller Preliminary Overview The LC866448B/44B/40B/36B/32b/28B/24B/20B/16B/12B/08B microcontrollers are 8-bit single chip microcontrollers with the following on-chip functional bloc...
Description CMOS IC
8-Bit Single Chip Microcontroller

File Size 659.34K  /  21 Page

View it Online

Download Datasheet

    LC863528 LC863528B LC863524B LC863548B LC863540B LC863520B LC863532B36DIP LC863532B36MFP LC863532B LC863516B

Sanyo Semiconductor Corp
SANYO[Sanyo Semicon Device]
Part No. LC863528 LC863528B LC863524B LC863548B LC863540B LC863520B LC863532b36DIP LC863532b36MFP LC863532b LC863516B
OCR Text ...M No.7936-1/17 LC863548B/40B/32b/28B/24B/20B/16B Features Read-Only Memory (ROM) : 49152 x 8-bits/40960 x 8-bits/32768 x 8-bits/ 28672 x 8-bits/24576 x 8-bits/20480 x 8-bits/ 16384 x 8-bits for program 16128 x 8-bits for CGROM Rando...
Description 8-bit microcontrollers (LC86 series)
8-bit 1-chip Microcontroller
From old datasheet system

File Size 525.05K  /  17 Page

View it Online

Download Datasheet

    GS8161Z18BT-200T

GSI TECHNOLOGY
Part No. GS8161Z18BT-200T
OCR Text 32b(d)/gs8161z36b(t/d) 18mb pipelined and flow through synchronous nbt sram 250 mhz ? 150 mhz 2.5 v or 3.3 v v dd 2.5 v or 3.3 v i/o 100-pin tqfp & 165-bump bga commercial temp industrial temp rev: 1.05a 10/2009 1/38 ? 2004, gsi technol...
Description 1M X 18 ZBT SRAM, 6.5 ns, PQFP100

File Size 589.29K  /  38 Page

View it Online

Download Datasheet

For 32b Found Datasheets File :: 274    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 32b

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3906760215759