PART |
Description |
Maker |
54809-2798 54809-2598 54809-3398 |
0.3 FPC ZIF E/O Hsg Assy 27Ckt EmbsTpPkg 27 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT connector 25 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT Header; No. of Contacts:13; Pitch Spacing:1.25mm; No. of Rows:1; Series:53398; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 33 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
PM2120-1R2M-RC PM2120-3R3M-RC PM2120-3R9M-RC PM212 |
Toroidal Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.9uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:15.6A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:18uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:11.8A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
KC3225A5000C30E00 |
Clock Oscillators Surface Mount Type KC3225A-C3 Series (K25-3C Series)
|
Kyocera Kinseki Corpotation
|
74099-2013 74099-1013 74099-1003 74099-1009 74099- |
SL SMT VT Shrd Hdr 30 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 15 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:3; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .100 VERT 9POS SMD 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 30 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
VEL100M1CTR040057 |
ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
|
RFE international
|
0460.375UR 0460.500ER 0460.750ER 0460.750UR 046000 |
Surface Mount Fuses PICO? SMF Fuse > 460 Series Surface Mount Fuses PICO SMF Fuse > 460 Series 460 Series PICO? Slo-Blo? Surface Mount Fuse The 460 Series Slo-Blo? SMF is based on Littelfuse PICO? fuse through-hole technology, though offered in a surface mount package.
|
Littelfuse
|
APL3015HC APL3015MBC APL3015NC APL3015PBC APL3015P |
3.0 x 1.5 mm surface mount led. Super bright yellow. Lens type water clear. 3.0 x 1.5 mm surface mount led. Bright red. Lens type water clear. 3.0 x 1.5 mm surface mount led. Blue. Lens type water clear. 3.0 x 1.5 mm surface mount led. Pure yellow. Lens type water clear. 3.0 x 1.5mm SURFACE MOUNT LED 3.0 x 1.5 mm surface mount led. Super bright red. Lens type red diffused. 3.0 x 1.5 mm surface mount led. Super bright green. Lens type water clear. 3.0 x 1.5 mm surface mount led. Bright red. Lens type red diffused. 3.0 x 1.5 mm surface mount led. Pure orange. Lens type water clear.
|
KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
CC0805ZRY5V6BB103 CC0805ZRY5V5BB103 CC0805ZRY5V7BB |
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14 SURFACE-MOUNT CERAMIC CERAMIC SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS SURFACE-MOUNT CERAMIC CERAMIC This cpecification describes Y5V series chip catacitors with lead-free terminations. SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14
|
YAGEO Corporation List of Unclassifed Man...
|
25CAE47S-V CAE-M |
CAE-M SURFACE MOUNT TYPE ULTRA MINI VERSION, 3MM IN DIAMETER cae-s surface mount type standards
|
List of Unclassifed Manufacturers Surge Components
|
54548-2670 54548-0870 |
Header; No. of Contacts:3; Pitch Spacing:2mm; No. of Rows:1; Series:Micro-Latch; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 26 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT Header; No. of Contacts:10; Pitch Spacing:1.25mm; No. of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 8 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
RMF50R-4R7-J |
SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
|
RFE international
|
PM105-271K-RC PM105-151K-RC |
Power Inductor; Series:PM105; Inductance:270uH; Inductance Tolerance: /- 10 %; Self Resonant Frequency:4MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.57A; DC Resistance Max:0.97ohm Power Inductor; Series:PM105; Inductance:150uH; Inductance Tolerance: /- 10 %; Self Resonant Frequency:5MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.78A; DC Resistance Max:0.47ohm
|
BOURNS INC
|