PART |
Description |
Maker |
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MIC5219-2.6BM5 MIC5219-2.7BM5 MIC5219-2.8BM5 MIC52 |
500mA-Peak Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA-Peak Output LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
BD00IC0EFJ-E2 BD00IC0WEFJ-E2 BD00IC5EFJ-E2 BD00IC5 |
500mA Secondary Variable Output LDO Regulators for Local Power Supplies 500mA Secondary Variable Output LDO Regulators for Local Power Supplies
|
Rohm
|
BD70GA3WEFJ-E2 BD70GA3WEFJ-TR BD70GA3WNUX-TR BD70G |
300mA Variable / Fixed Output LDO Regulators
|
Rohm
|
BA30E00WHFP BA3259HFP BA3259HFP11 |
Secondary Dual-Output (Fixed/Variable) LDO Regulators
|
Rohm
|
BA00BC0WFP-E2 BA18BC0FP-E2 BA18BC0WFP-E2 BA00BC0WC |
1A Variable/Fixed Output LDO Regulators 1A Variable/Fixed Output LDO Regulators
|
Rohm
|
BD00HC5WEFJ-E2 BD33HC5WEFJ-E2 |
1.5A Variable / Fixed Output LDO Regulators 1.5A Variable / Fixed Output LDO Regulators
|
Rohm
|
MAX1857 MAX1857EUA47 |
Replaced by TMS320C6202B : Fixed-Point Digital Signal Processor 352-FCBGA 500mA、具有纹波抑制的LDOamp;micro;MAX封装 500mA, Low-Dropout, Ripple-Rejecting LDO in MAX From old datasheet system 500mA / Low-Dropout / Ripple-Rejecting LDO in MAX 500mA, Low-Dropout, Ripple-Rejecting LDO in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM2937-XX-TA3-T LM2937-XX-TQ2-R LM2937-XX-TQ2-T LM |
10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO2 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 15 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 500mA LOW DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
UTC[Unisonic Technologies] Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|