PART |
Description |
Maker |
V375B3.3M150A3L V375A3.3M150A3L V375B3.3M150A2L V3 |
DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 150µH. Rated Current 0.26 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. Analog IC 模拟IC
|
Vishay Intertechnology, Inc. Global Mixed-mode Technology, Inc. Vicor, Corp.
|
63910-3000 |
T2 Terminator for insulation OD 2.20-2.45mm optimized for 16 AWG only
|
Molex Electronics Ltd.
|
16-213-T7D-AQ1R1QY-3T |
0402 Package Chip LED (0.45mm Height)
|
Everlight Electronics Co., Ltd
|
SIM845170 |
AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
|
celduc-relais
|
SIM865970 |
AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
|
celduc-relais
|
F1535AD |
5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators 5V的阻燃为基础的表面贴装压控晶体振荡器4
|
Electronic Theatre Controls, Inc.
|
SI1912EDH |
N-Channel 20-V (D-S) MOSFET with Copper Leadframe Dual N-Channel 20-V (D-S) MOSFET
|
VISAY[Vishay Siliconix]
|
SI1904EDH |
N-Channel 25-V (D-S) MOSFET with Copper Leadframe DUAL N-CHANNEL 25-V (D-S) MOSFET
|
VISAY[Vishay Siliconix]
|
67492-1631 0674921631 |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175"), 0.76渭m (30渭") Gold (Au) Plating, with Cap,Embossed Tape on Reel 1.27mm (.050) Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175), 0.76μm (30μ) Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging,22 Circuits, Lead Free
|
Molex Electronics Ltd.
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
C5260 |
VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
|
VECTRON[Vectron International, Inc]
|