PART |
Description |
Maker |
AOB1608L |
60V N-Channel Rugged Planar MOSFET
|
Alpha & Omega Semiconductors
|
IRFR120A IRFU120A IRFR120ATF IRFR120ATM IRFU120ATU |
Advanced Power MOSFET Avalanche Rugged Technology N-CHANNEL POWER MOSFET 100V N-Channel A-FET / Substitute of IRFU110 100V N-Channel A-FET / Substitute of IRFR120 (IRFR120A / IRFU120A) Advanced Power MOSFET
|
Fairchild Semiconductor
|
2SD1840 2SB1230 |
PNP Epitaxial Planar Silicon Transistor 100V/4A Switching Applications NPN Triple Diffused Planar Silicon Transistor 100V/4A Switching Applications
|
Sanyo
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
COM140T COM440T COM240T COM340T |
500V 7Amp N-channel MOSFET 100V , 14 Amp, N-Channel MOSFET(100V , 14 A,N沟道MOS场效应管) (COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
|
Omnirel ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
IRF5N3710 |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
|
IRF[International Rectifier]
|
FDP047N10 |
N-Channel PowerTrench MOSFET 100V, 164A, 4.7mOHM 100V N-Channel PowerTrench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 120 A, 100 V, 0.0047 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FDS3992 |
N-Channel PowerTrench MOSFET 100V, 4.5A, 62mз 4.5 A, 100 V, 0.062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench MOSFET 100V/ 4.5A/ 62m
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRHG7110 |
100V, 4 N-Channel Thru-Hole Radiation Hardened Power MOSFET(100V,通孔安装抗辐射功率四N沟道MOSFET)
|
International Rectifier
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|
SP508 SP508CF |
Rugged 40Mbps / 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors 坚固40Mbps的,8通道多协议收发器,具有可编程DCE DTE和终端电
|
Sipex Maxim Integrated Products, Inc.
|
|