PART |
Description |
Maker |
39-00-0131 39-00-0129 39-00-0121 |
MiniFit Term Crp Male L Bz Tin 16awg PHOSPHOR BRONZE, TIN OVER NICKEL FINISH, WIRE TERMINAL MiniFit Term Crp Male L Bz Tin 22-28 PHOSPHOR BRONZE, TIN OVER NICKEL FINISH, WIRE TERMINAL 39000121 BRASS, TIN OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc.
|
15-91-3214 15-91-3073 15-91-2065 15-91-2255 15-91- |
SL SMT RA Hdr Tin 21Ckt 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,SURFACE MOUNT Terminal 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/Pegs 30Au 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 3Ckt 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr /Pgs Tin 20Ckt 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Multipole Connector; Number of Contacts:5; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/PCB Pegs Tin 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL SMT RA Hdr PCB Pgs 30 SAu 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30Au 5Ckt T&R 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL RA SMT Hdr TPg 30 SAu 15Ckt SL SMT RA Hdr 15 SAu 18Ckt HDR SMD 6 PIN WIRE TO BOARD SHROUDED SL SMT RA Hdr Tin 5Ckt Multipole Connector; Number of Contacts:3; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold
|
Molex, Inc. PRECI-DIP SA MOLEX INC
|
43644-1821 |
MiniFit BMI RA Hdr Tail Tin V-0 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
015-91-2100 0015912100 A713080010N |
2.54mm (.100) Pitch C-Grid? Header, Surface Mount, Dual Row, Vertical, 10 Circuits, Tin (Sn) Plating, without PCB Locator Pegs 2.54mm (.100) Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, 10 Circuits, Tin (Sn) Plating, without PCB Locator Pegs 2.54mm (.100) Pitch C-Grid垄莽 Header, Surface Mount, Dual Row, Vertical, 10 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
|
Molex Electronics Ltd.
|
0015912280 015-91-2280 71308-0028N |
2.54mm (.100) Pitch C-Grid? Header, Surface Mount, Dual Row, Vertical, 28 Circuits, Tin (Sn) Plating, without PCB Locator Pegs 2.54mm (.100) Pitch C-Grid垄莽 Header, Surface Mount, Dual Row, Vertical, 28 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
|
Molex Electronics Ltd.
|
015-91-1721 |
2.54mm (.100) Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, 72 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs 2.54mm (.100) Pitch C-Grid? Header, Surface Mount, Dual Row, Vertical, 72 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
|
Molex Electronics Ltd. http://
|
713084020N 015-91-1201 0015911201 |
2.54mm (.100) Pitch C-Grid庐 Header, Surface Mount, Dual Row, Vertical, 20 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs 2.54mm (.100) Pitch C-Grid? Header, Surface Mount, Dual Row, Vertical, 20 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
|
Molex Electronics Ltd.
|
A713080020N |
2.54mm Pitch C-Grid? Header, Surface Mount, Dual Row, Vertical, 20 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
|
Molex Electronics Ltd.
|
71308-0028N |
2.54mm Pitch C-Grid? Header, Surface Mount, Dual Row, Vertical, 28 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
|
Molex Electronics Ltd.
|
74164-0108 |
2.54mm (.100) Pitch C-Grid? Receptacle, Right Angle, Through Hole, Dual Row,Shrouded with Pegs High-Temperature, 8 Circuits, Tin (Sn)
|
Molex Electronics Ltd.
|
74164-0106 |
2.54mm (.100) Pitch C-Grid? Receptacle, Right Angle, Through Hole, Dual Row,Shrouded with Pegs High-Temperature, 6 Circuits, Tin (Sn)
|
Molex Electronics Ltd.
|
|