PART |
Description |
Maker |
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
DBTC-17-5 DBTC-17-5L DBTC-17-55L |
Surface Mount Directional Couplers 50?/a> 50 to 2000 MHz Surface Mount Directional Couplers 50з 50 to 2000 MHz Surface Mount Directional Couplers 50 50 to 2000 MHz
|
Mini-Circuits
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
P6SMA480CA P6SMA510CA P6SMA540CA P6SMA600CA |
SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
EIC discrete Semiconductors
|
P6SMA480A P6SMA510A P6SMA540A P6SMA600A |
SURFACE MOUNT UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
EIC discrete Semiconductors
|
T350BB-LC |
Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
|
Weitron Technology
|
TBZ363C5V5 TBZ363C20V8 TBZ363C7V0 TBZ363C6V4 |
(TBZ363C5V5 - TBZ363C20V8) TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY
|
Diodes Incorporated
|
S3XB-13-F S3X-13-F S3JB-13-F S3GB-13-F |
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER RECTIFIER STANDARD SINGLE 3A 600V 600 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
ST1.5KPS6.8 ST1.5KPS440 |
1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
SSDI[Solid States Devices, Inc]
|
1.5SMC68CA 1.5SMC220CA 1.5SMC56CA 1.5SMC180CA 1.5S |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
|
Central Semiconductor Corp http:// Central Semiconductor C...
|