PART |
Description |
Maker |
73644-0117 73644-2000 73644-0016 73644-3116 73644- |
HDM BP GP A 30 SAu GF 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP KEYED W/GUIDE &POL 736442000 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 736440016 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 144CKT HDM BACKPLANE MODU 736443116 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 2MM HDM BP GP Polz Pn AA 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:72; Pitch Spacing:2mm; No. of Rows:6; Series:HDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM Bkpln Mod W/PolKey 144Ckt 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HDM BP GP Polz Pn 30 SAu GF 72Ckt
|
Molex, Inc. MOLEX INC
|
73944-4017 73944-7005 73944-7017 |
HDM BP GP A ST3.0 30 SAu GF 72Ckt 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HDM BP GP Polz Pn AC ST 30 SAu GF 144Ckt 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HDM BKPLN POL/GIUD 144CKT 144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
73643-1200 0736431200 |
2.00mm (.079") Pitch HDM Board-to-Board Backplane Header, Vertical, Press-Fit, Closed End, 144 Circuits 2.00mm (.079) Pitch HDM Board-to-Board Backplane Header, Vertical, Press-Fit, Closed End, 144 Circuits
|
Molex Electronics Ltd.
|
0736432200 73643-2200 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Press-Fit,Closed End, 72 Circuits
|
Molex Electronics Ltd.
|
0739432200 73943-2200 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Solder Tail, Closed End, 72 Circuits
|
Molex Electronics Ltd.
|
73943-0000 0739430000 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Solder Tail, Closed End, 72 Circuits
|
Molex Electronics Ltd.
|
71439-3864 |
2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Press-Fit, Closed End, 144 Circuits
|
Molex Electronics Ltd.
|
73782-4100 |
2.00mm (.079) Pitch HDM? Board-to-Board Stacking Header, High Rise VerticalSMC, Closed End Option, 72 Circuits
|
Molex Electronics Ltd.
|
73782-6100 0737826100 |
2.00mm (.079) Pitch HDM? Board-to-Board Stacking Header, High Rise Vertical,SMC, Closed End Option, 72 Circuits
|
Molex Electronics Ltd.
|
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
0736431000 73643-1000 |
2.00mm (.079") Pitch HDM庐 Board-to-Board Backplane Header, Vertical, Press-Fit, Closed End, 144 Circuits 2.00mm (.079) Pitch HDM? Board-to-Board Backplane Header, Vertical, Press-Fit, Closed End, 144 Circuits
|
Molex Electronics Ltd.
|
|