PART |
Description |
Maker |
4302.5001 4302.5002 4302.5003 4302.5004 4302.5005 |
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Non-illuminated; qualified for use in equipment according To IEC/EN 60953 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
Schurter Inc. SCHURTER AG
|
EC11.0021.001 EC11.0021.002 EC11.0001.201 EC11.000 |
IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 20A; Terminal Type: Quick Connect Tabs; Appliance inlet with line switch; 2-pole; single elements are already wired 16A/20A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Schurter Inc. SCHURTER AG
|
6110-4 6110.4330 6110.4120 6110.4230 |
IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Schurter Inc. SCHURTER AG
|
4740 |
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4 IEC Appliance Outlets F and Extra Components
|
Schurter Inc.
|
5145.ABDWF060C0.511 5145.ABDWF030C0.331 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 4A; Terminal Type: Quick Connect Tabs; Appliance inlet; circuit breakerType TA 45 and line filter 3A,125/250 VAC, MALE, MAINS POWER CONNECTOR
|
SCHURTER INC
|
HGN-339-4M-F-160 HGN-339-4M-F-200 HGN-339-4M-F-150 |
IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
|
PowerDynamics, Inc
|
EF12.ABTWF200C0.1110.01 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 20A; Terminal Type: Quick Connect Tabs; Appliance inlet; circuit breakerType TA 45 and line filter
|
SCHURTER INC
|
4303.0182 4303.1093 4303.1003 4303.0032 4303.1031 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 13A; Terminal Type: Quick Connect Tabs; 3 function: appliance inlet; fuseholder with interchangeable fuse drawer 10/13A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
4305.0006 4305.0016 CEE0.6100.151 CEL0.6100.151 CE |
IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel) IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
|
Schurter Inc.
|
1SV216 |
VARIABLE CAPACITANCE DIODE (TV VHF UHF TUNER AFC) INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug; Series:POLYSNAP; Mounting type:Panel; Approval Bodies:UL, CSA, VDE, SEMKO, RoHS Compliant: Yes
|
http:// Toshiba Semiconductor Toshiba Corporation
|
KG16.5101.105 KG16.5101.107 KG16.5101.109 KG16.510 |
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
|
Schurter Inc.
|
5091 CDE4.1101.151 CDE4.4101.151.21 CD44.4101.151 |
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step) IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
|
Schurter Inc.
|