Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
  inlet Datasheet PDF File

For inlet Found Datasheets File :: 1283    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    6063 6063-H-ABC0-D-E

Schurter Inc.
Part No. 6063 6063-H-ABC0-D-E
OCR Text inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal 6063 C14 70 C Description -PanelMount: Screw-onmounting,Frontside -Applianceinlet,Pintemperature70C,ProtectionclassI References Weblin...
Description IEC Appliance inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal

File Size 340.40K  /  3 Page

View it Online

Download Datasheet





   
Part No. ADP5130
OCR Text ...,000 kpa 40 kpa 6 kpa <pressure inlet hole> 0: length 3 mm, diameter 3 mm 1: length 5 mm, diameter 3 mm 2: length 13.5 mm, diameter 5.45 mm <type> none: s 1: standard type (with glass base) economy type (without glass base) note: some part ...
Description GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-7.25Psi, 1.25%, 0.50-4.50V, RECTANGULAR, THROUGH HOLE MOUNT

File Size 128.59K  /  7 Page

View it Online

Download Datasheet

    MP04TT500 MP04TT500-25-W2 MP04TT500-25-W3 MP04TT500-25-W3A MP04TT500-26-W2 MP04TT500-26-W3 MP04TT500-26-W3A MP04TT500-27

Dynex Semiconductor, Ltd.
Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. MP04TT500 MP04TT500-25-W2 MP04TT500-25-W3 MP04TT500-25-W3A MP04TT500-26-W2 MP04TT500-26-W3 MP04TT500-26-W3A MP04TT500-27-W2 MP04TT500-27-W3 MP04TT500-27-W3A MP04TT500-28-W2 MP04TT500-28-W3 MP04TT500-28-W3A
OCR Text ...0Hz 100 90 Maximum permissble inlet water temperature - (C) Fig. 8 On-state power loss per arm vs on-state current at specified conduction angles, square wave 50/60Hz 100 Maximum permissible water inlet temperature - (C) 30 60 9...
Description Dual Thyristor Water Cooled Module Advance Information 845 A, 2600 V, SCR
Dual Thyristor Water Cooled Module Advance Information 845 A, 2800 V, SCR
Dual Thyristor Water Cooled Module Advance Information 845 A, 2500 V, SCR
Dual Thyristor Water Cooled Module Advance Information 845 A, 2700 V, SCR

File Size 256.96K  /  10 Page

View it Online

Download Datasheet

    MP04TT600 MP04TT600-15 MP04TT600-17 MP04TT600-18 MP04TT600-16

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. MP04TT600 MP04TT600-15 MP04TT600-17 MP04TT600-18 MP04TT600-16
OCR Text ...00 Maximum permissible water inlet temperature - (C) Maximum permissble inlet water temperature - (C) 90 80 70 60 50 40 30 20 Conduction Angle 30 60 10 90 120 180 0 0 100 200 300 400 500 600 Sine wave current (Average, per arm) ...
Description Dual Thyristor Water Cooled Module Preliminary Information

File Size 263.91K  /  10 Page

View it Online

Download Datasheet

    Renesas Technology
Part No. RKT102XXXMH
OCR Text ...on. 4. relation between the inlet and antenna positions; the planes of the metal-foil pattern for the antenna and the antenna itself should be parallel, the center of the inlet should be on the line that passes through the c enter of...
Description Chip

File Size 182.90K  /  10 Page

View it Online

Download Datasheet

    ADP1101 ADP1281 ADP1141 ADP1261 ADP1241 ADP1211 ADP1221 ADP1271 ADP1251 ADP1 ADP1291 ADP1111 ADP1121 ADP1131 ADP1132 ADP

List of Unclassifed Man...
Electronic Theatre Controls, Inc.
Matsushita Electric Works(Nais)
ETC[ETC]
List of Unclassifed Manufacturers
http://
Part No. ADP1101 ADP1281 ADP1141 ADP1261 ADP1241 ADP1211 ADP1221 ADP1271 ADP1251 ADP1 ADP1291 ADP1111 ADP1121 ADP1131 ADP1132 ADP1151 ADP1161 ADP1171 ADP1181 ADP1191 ADP1201 ADP1231 ADP1232
OCR Text ...irtection opposite the pressure inlet direction 0: 1: 2: 3: 4: 5: 6: 7: 8: 9: A: 1 Rated pressure 4.9 kPa 14.7 kPa 34.3 kPa 49.0 kPa 98.1 kPa 196.1 kPa 343.2 kPa 490.3 kPa 833.6 kPa 980.7 kPa 40.0 kPa {approx. 0.05 kgf/cm2} {approx. 0....
Description    PRECISION SEMICONDUCTOR PRESSURE SENSOR

File Size 68.39K  /  4 Page

View it Online

Download Datasheet

    SL1ICS3001 SL1ICS3001U SL1ICS3001U_L6D SL1ICS3001U_N5D SL1ICS3001W SL1ICS3001W_N5D

PHILIPS[Philips Semiconductors]
Part No. SL1ICS3001 SL1ICS3001U SL1ICS3001U_L6D SL1ICS3001U_N5D SL1ICS3001W SL1ICS3001W_N5D
OCR Text ............................ 16 15 inlet/LABEL CHARACTERISATION AND TEST 17 15.1 Characterisation of the inlet/Label ................................................................................... 17 15.2 Final Test of the inlet/Label.....
Description I.CODE1 Label IC Chip Specification

File Size 365.23K  /  22 Page

View it Online

Download Datasheet

    MACOM
Part No. CCM1021 CCM1600-ND
OCR Text ...ries: The EJT Series is a power inlet filter designed to attenuate noise up to 1 GHz. This inlet uses an IEC 320/C14 input connector. This product was designed to address the demand for more noise attenuation at higher frequencies in a comp...
Description Power Entry Modules

File Size 178.66K  /  3 Page

View it Online

Download Datasheet

    LX526024VEP32 LX525024VYL30

MRV Communications, Inc.
MRV Communications, Inc...
Part No. LX526024VEP32 LX525024VYL30
OCR Text ... 100-120v 50-60hz iec 60320/c20 inlet 1.75 x 17.2 x 7 lx-5260-8h2c20m 8 20a iec 60320/c13 200-240v 60hz iec 60320/c20 inlet 1.75 x 17.2 x 7 lx-5260-8h2l30m 8 30a iec 60320/c13 200-240v 60hz nema l6-30p fixed cordset 1.75 x 17.2 x 7 l...
Description LX Series

File Size 687.32K  /  2 Page

View it Online

Download Datasheet

    KP01.1412.01 KP01.1413.01 KP01145201 KP01.1353.01 KP01.1453.01 KP01.1312.01 KP01.1313.01 KP01.1352.01 KP01.1452.01

Schurter Inc.
Part No. KP01.1412.01 KP01.1413.01 KP01145201 KP01.1353.01 KP01.1453.01 KP01.1312.01 KP01.1313.01 KP01.1352.01 KP01.1452.01
OCR Text inlet c14 with fuseholder 1- or 2-pole inlet with fuseholder (5x20 mm) kpf filter module (not enclosed) medical fuse drawer c14 70 c description - panel mount: sandwich/rear-side - 2 functions: appliance inlet protection class i...
Description IEC Appliance inlet C14 with Fuseholder 1- or 2-pole

File Size 576.97K  /  4 Page

View it Online

Download Datasheet

For inlet Found Datasheets File :: 1283    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of inlet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4884810447693