PART |
Description |
Maker |
SR760 SR750 SR735 SR745 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with Hex Socket jackscrews, 5 5-way Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, with Hex Socket jackscrews, 5 5-way, pick & place cap 7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
|
济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device]
|
M80-5835005 |
DATAMATE J-TEK DIL MALE DIL SMALL BORE CRIMP
|
Harwin Plc
|
M80-4121405 M80-4122242 M80-4120642 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-4635042 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 25 25-way 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4863405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with Hex Socket jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-4002001 M80-4004042 |
Datamate J-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5403442 M80-5415022 HARWININC-M80-5401242 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|