PART |
Description |
Maker |
HD404354 HD404354H HD404354S HD404356 HD404356H HD |
4-bit HMCS400-Series microcomputer
|
HITACHI[Hitachi Semiconductor]
|
HD407A4369F HD407A4369H HD407A4369S HD404369 HD40A |
4-bit HMCS400-Series microcomputer From old datasheet system
|
HITACHI[Hitachi Semiconductor]
|
HD4043312 HD4043312FS HD4043312S HD404334 HD404334 |
4-bit HMCS400-Series microcomputer with large-capacity memory
|
HITACHI[Hitachi Semiconductor]
|
HD40L4201FP HD40L4201FT HD40L4202S HD40L4202FP HD4 |
CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS WITH THE SAME ARCHITECTURE AS THE HMCS400 SERIES
|
Hitachi Semiconductor
|
HD404052 HD404094 |
(HD404054 / HD404094) HMCS400-series microcomputers designed to increase program productivity
|
Hitachi Semiconductor
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
S3C80A4 S3C80A5 S3C80A8 S3P80A5 S3C80B4 S3C80B5 S3 |
SH2 Series, 7147 Group, Two ADC circuits, 5-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, AUD FP-100U; Vcc= 4.5 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A S3C8系列8位单芯片CMOS微控制器提供了快速,高效的CPU S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
74ACTQ16540 74ACTQ16540MTD 74ACTQ16540SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-TSSOP -40 to 85 ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 Dual 8-Bit Buffer/Driver ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
H8/3690 H8/3693 H8/3694F H8/3692 HD6433693 H8/3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|