PART |
Description |
Maker |
IDT74CBTLV16245 IDT74CBTLV16245PA IDT74CBTLV16245P |
LOW-VOLTAGE 16-BIT BUS SWITCH CBTLV/3B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74CBTLVR16292PV IDT74CBTLVR16292 IDT74CBTLVR162 |
LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS CBTLV/3B SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Microchip Technology, Inc.
|
IDT74CBTLV3126 CBTLV3126_DS_85424 IDT74CBTLV3126Q |
From old datasheet system LOW-VOLTAGE QUADRUPLE BUS SWITCH Adjustable Precision Shunt Regulator 8-PDIP 0 to 70 CBTLV/3B SERIES, 4-BIT DRIVER, TRUE OUTPUT, PDSO16
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CBT16210 CBT16210DL CBT16210DGG CBT16210DL-T |
20-bit bus switch with 10-bit output enables - # of Bits per Enable: 10 ; Description: Bus Switch ; Flow Through Pinout: yes ; Number of bits: 20 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT16210; 20-bit bus switch with 10-bit output enables
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
QS32XVH2245 IDTQS32XVH2245 IDTQS32XVH2245Q2 QS32XV |
3.3V 16-Bit Bus Switch for Hot Swap Applications QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
ADG3246BCP-U1 ADG3246BRU-U1 ADG3246BRUZ-REEL7 ADG3 |
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch 2.5 V/3.3 V, 10 Bit, 2 Port Level Translator, Bus Switch; Package: LFCSP (4x4mm w/2.10mm EP); No of Pins: 24; Temperature Range: Industrial 3246 SERIES, 10-BIT DRIVER, TRUE OUTPUT, QCC24
|
Analog Devices, Inc.
|
IDTQS32X383 QS32X383_DS_48958 QS32X383 QS32X383Q1 |
20-bit Bus Switch/Exchange From old datasheet system QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 20-BIT BUS EXCHANGE SWITCH
|
IDT
|
CBT3384DK-T |
10-bit bus switch with 5-bit output enables - # of Bits per Enable: 5 ; Description: Bus Switch ; Number of bits: 10 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT/FST/QS/5C/B SERIES, DUAL 5-BIT DRIVER, TRUE OUTPUT, PDSO24
|
NXP Semiconductors N.V.
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
FST3244WM FST3244 FST3244MTC FST3244MTCX-NL FST324 |
8-Bit Bus Switch; Package: TSSOP; No of Pins: 20; Container: Tape & Reel Octal Bus Switch
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
1N5403K 1N5408K 1N5400K 1N5401K 1N5402K 1N5404K 1N |
20-Bit FET Bus Switch with -2 V Undershoot Protection 48-SSOP -40 to 85 3 A, 800 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TVSOP -40 to 85 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TSSOP -40 to 85 3 A, 500 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TVSOP -40 to 85 3 A, 300 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TSSOP -40 to 85 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-204AC Standard silicon rectifier diodes
|
SEMIKRON[Semikron International]
|
IDTQS3VH383SO IDTQS3VH383 IDTQS3VH383PA IDTQS3VH38 |
2.5V / 3.3V 8-Bit High Bandwidth Bus Exchange Bus Switch QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH
|
IDT[Integrated Device Technology]
|