PART |
Description |
Maker |
PS7141L-1C PS7141-1C PS7141L-1C-E4 |
Solid State Relay OCMOS FET(固态继电器) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|
LH1500AAB LH1500AABTR LH1500AT |
Solid State Relay (LH1500AAB/AT/AABTR) Solid State Relay Solid State Relay 固态继电器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
SG-34FA240A40PSL SG-34FA240A40ZSL SG-34FA240A50PSL |
隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS “HOCKEY PUCK SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
|
American Zettler, Inc.
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
HSSR8060 HSSR-8060 HSSR-8400 |
400 V/10 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay 60 V/0.7欧姆,通用 A型,固态继电器 60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay
|
Fujitsu, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LH1524-AB LH1520-AB LH1520-AAC LH1520-AACTR |
High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 2FormA
|
Infineon
|
2W10 2W01 |
Solid-State Panel Mount Relay; RELAY SSR 25A 120VAC AC-INZERO-X
|
Bytes
|
CPC1977J |
i4-PACPower Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|
PS7200J-1A-E3 PS7200J-1A-F3 PS7200J-1A-E4 PS7200J- |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY 4引脚SOP低输出电容固态继电器 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No
|
NEC, Corp. NEC Corp. NEC[NEC]
|