PART |
Description |
Maker |
SP4425 SP4425CN SP4425CU SP4425CX SP4425NEB SP4425 |
Electroluminescent Lamp Driver
Low Voltage Applications Electroluminescent Lamp Driver Low Voltage Applications
|
SIPEX[Sipex Corporation]
|
MAX4990ETD_ MAX4990E MAX4990ETD |
High-Voltage, ±15kV ESD-Protected Electroluminescent Lamp Driver High-Voltage, 【15kV ESD-Protected Electroluminescent Lamp Driver
|
MAXIM[Maxim Integrated Products]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
LB1837M LB1837 |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
D355B 1DDD355BB-M02 |
Electroluminescent Lamp Driver IC
|
http:// ETC[ETC] List of Unclassifed Manufacturers
|
1DDD372AA-M04 D372A |
Electroluminescent Lamp Driver IC
|
List of Unclassifed Manufacturers ETC[ETC]
|
D356B |
Electroluminescent Lamp Driver IC
|
Electronic Theatre Controls, Inc.
|
D355B |
Electroluminescent Lamp Driver IC
|
Electronic Theatre Controls, Inc.
|
SP4438EU SP4438UEB SP4438 |
Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
|
SIPEX[Sipex Corporation]
|
SP4416 SP4416EU SP4416UEB |
Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
|
SIPEX[Sipex Corporation]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|