Part Number Hot Search : 
IRF823 2C2907A 10N60 M2122PEW 2N3945 W005M 1N4007GP TSM2405S
Product Description
Full Text Search
  electroluminescent Datasheet PDF File

For electroluminescent Found Datasheets File :: 157    Search Time::4.796ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IMP522

IMP, Inc
Part No. IMP522
OCR Text ... is a dual-output, high-voltage electroluminescent (EL) lamp driver. Either or both EL lamp driver outputs can be turned ON with the LMPSEL select pin. One EL lamp is connected between VA and VAB and the other is connected between VB and VA...
Description Dual EL Lamp Driver

File Size 125.74K  /  6 Page

View it Online

Download Datasheet





    MAXIM[Maxim Integrated Products]
Part No. MAX4990ETD_ MAX4990E MAX4990ETD
OCR Text electroluminescent Lamp Driver General Description The MAX4990E high-voltage DC-AC converter is ideal for driving electroluminescent (EL) lamps. The MAX4990E features a wide +2.4V to +5.5V input range that allows the device to accept a wi...
Description High-Voltage, ±15kV ESD-Protected electroluminescent Lamp Driver
High-Voltage, 【15kV ESD-Protected electroluminescent Lamp Driver

File Size 213.48K  /  15 Page

View it Online

Download Datasheet

    IMP527 IMP527_D IMP527_D1 IMP527EMA IMP527ESA IMP527/D IMP527/D1

IMP Inc
IMP[IMP, Inc]
IMP Inc
Part No. IMP527 IMP527_D IMP527_D1 IMP527EMA IMP527ESA IMP527/D IMP527/D1
OCR Text electroluminescent Lamp Driver/Inverter The IMP527 is an electroluminescent (EL) lamp driver designed for systems that must operate down to 1 volt and below. The input supply voltage range is 0.9V to 2.5V. Typical output lamp drive voltage...
Description SINGLE CELL BATTERY POWERED electroluminescent LAMP DRIVER/INVERTER

File Size 148.55K  /  8 Page

View it Online

Download Datasheet

    IMP528 IMP528D IMP528D1 IMP528EMA IMP528ESA

IMP Inc
IMP[IMP, Inc]
Part No. IMP528 IMP528D IMP528D1 IMP528EMA IMP528ESA
OCR Text electroluminescent (EL) lamp driver with the four EL lamp driving functions on-chip. These are the switch-mode power supply, its high-frequency oscillator, the high-voltage H-bridge lamp driver and its low-frequency oscillator. The IMP528 d...
Description HIGH-VOLTAGE EL LAMP DRIVER

File Size 131.75K  /  6 Page

View it Online

Download Datasheet

    IMP560 IMP560_D IMP560_D1 IMP560EMA IMP560ESA IMP560/D1 IMP560/D

IMP[IMP, Inc]
IMP[IMP Inc]
IMP Inc
Part No. IMP560 IMP560_D IMP560_D1 IMP560EMA IMP560ESA IMP560/D1 IMP560/D
OCR Text electroluminescent (EL) lamp driver designed for systems with low EL lamp drive voltage requirements. It is ideal for low ambient light applications or where small lamps are used. With just onehalf the inductor current of the IMP803, the IM...
Description POWER EFFICIENT EL LAMP DRIVER
CONNECTOR ACCESSORY

File Size 152.43K  /  8 Page

View it Online

Download Datasheet

    IMP803 IMP803_D1 IMP803IMA IMP803LG IMP803SX IMP803/D1

IMP Inc
IMP[IMP, Inc]
Part No. IMP803 IMP803_D1 IMP803IMA IMP803LG IMP803SX IMP803/D1
OCR Text electroluminescent (EL) lamp driver with the four EL lamp driving functions on-chip. These are the switch-mode power supply, its high-frequency oscillator, the high-voltage H-bridge lamp driver and its low-frequency oscillator. The IMP803 d...
Description HIGH-VOLTAGE EL LAMP DRIVER
From old datasheet system

File Size 160.62K  /  8 Page

View it Online

Download Datasheet

    Rochester Electronics, LLC
Part No. SP4405EN
OCR Text electroluminescent lamp driver ? copyright 2000 sipex corporation 1 n +2.2v to +4.5v battery operation n dc-to-ac converter produces 160v pp typical for el display panels n single resistor controlled internal oscillator n low current s...
Description Low Voltage electroluminescent Lamp Driver with Regulated Output Voltage 低电压电致发光灯驱动器,输出电压

File Size 163.15K  /  20 Page

View it Online

Download Datasheet

    SP4412 SP4412A SP4412ACN SP4412ACU SP4412ACX

SIPEX[Sipex Corporation]
Part No. SP4412 SP4412A SP4412ACN SP4412ACU SP4412ACX
OCR Text electroluminescent Lamp Driver s 2.2 V- 3.6 V Battery Operation s 50 nA Maximum Standby Current (10 nA typical) s High Voltage Output Typical 160 VPP s External Oscillator Required s Enable Control Pin APPLICATIONS s Watches s Pagers s B...
Description electroluminescent Lamp Driver

File Size 119.39K  /  10 Page

View it Online

Download Datasheet

For electroluminescent Found Datasheets File :: 157    Search Time::4.796ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of electroluminescent

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5915441513062