PART |
Description |
Maker |
P1803AALXX P1803ABLXX P1803ACLXX P3203ABLXX P2103A |
The series provides a single port through-hole solution that enables voice SIDACtor Balanced Series - Modified TO-220 Low voltage overshoot Balanced overvoltage protection SIDACtor? Protection Thyristors Baseband Protection (Voice-DS1) Low voltage overshoot Balanced overvoltage protection
|
Littelfuse
|
NLAS52231MUR2G NLAS52231 |
Ultra-Low 0.4Ω Dual SPDT Analog Switch with Overshoot Ultra-Low 0.4ヘ Dual SPDT Analog Switch with Overshoot
|
ON Semiconductor
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LD3985M26R LD3985XX122 LD3985J28R LD3985XX29 LD398 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
|
STMicroelectronics
|
LD3986J285R LD3986XX285 |
DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
|
ST Microelectronics
|
LD1985-15-AF5-R LD1985-18-AF5-R LD1985-25-AF5-R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ILE4264-2GET |
5-V/100mA Low Power Low-Drop Fixed-Voltage Regulator with low current consumption
|
IK Semicon Co., Ltd
|
BYT230PIV1200 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible 与独立二极管组成的阵列|模块
|
STMicroelectronics N.V.
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|