PART |
Description |
Maker |
1201-066 |
FITER, SING, PI, BSHG
|
API Technologies Corp
|
1202-052 |
FLTR, SING, PI, BSHG
|
API Technologies Corp
|
MAX6388XS16D3T MAX6383LT17D6 MAX6383LT17D6T MAX638 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
MAXIM - Dallas Semiconductor
|
HD64180R HD64180RCP-10X HD64180RCP-6X HD64180RCP-8 |
High-Power, Quad, PSE Controller for Power-Over-Ethernet HD64180R / 8位CMOS(微处理单元 HD64180R/Z 8-BIT CMOS (Micro Processing Unit) HD64180R/Z 8-BIT CMOS (Micro Processing Unit)
|
Hitachi,Ltd. Hitachi Semiconductor
|
MAX3370EXKT |
1µA, 2Mbps, Low-Voltage Level Translators in SC70 and µDFN
|
MAXIM - Dallas Semiconductor
|
2-794618-2 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 22POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
2SD1658 E001148 |
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS) From old datasheet system MICRO MOTOR DRIVE, HAMMER DRIVE APPLICATIONS SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
RT9827 |
Micro-Power Voltage Detector
|
Richtek Technology Corporation
|
SS8051 SS8051T11TR SS8051T11TB SS8051T12TB SS8051T |
Micro-Power Step-up DC/DC Converter
|
Silicon Standard Corp.
|
TA105 |
Micro-Power Motor Amplifier
|
ETC
|
MBS10 MBS30 |
(MBSx0) Micro Power Resistors
|
ETC
|