PART |
Description |
Maker |
HIP4083APZ |
80V, 300mA Three Phase High Side Driver 0.3 A HALF BRDG BASED MOSFET DRIVER, PDIP16
|
Intersil, Corp.
|
LT1579CGN-5 LT1579CGN-3.3 LT1579CS8-5 |
300mA Dual Input Smart Battery Backup Regulator CAP 33UF 80V ELECT TG SMD CAP 22UF 80V ELECT TG SMD CAP 47UF 63V ELECT TG SMD
|
Linear Technology Corporation
|
MIC531810 MIC5318YD5 MIC5318YMT MIC5318-3.3YD5 MIC |
High Performance 300mA 渭Cap ULDO High Performance 300mA μCap ULDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
HIP4086 HIP4086AB HIP4086AP |
80V 0.5A Three Phase Driver 80V, 0.5A Three Phase Driver 80V/ 0.5A Three Phase Driver
|
INTERSIL[Intersil Corporation]
|
NTE19 NTE18 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | SIP TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 700MA I(C) | SIP Silicon Complementary Transistors High Voltage, High Current Capacity Driver
|
NTE[NTE Electronics]
|
AAT3238IGU-1.6-T1 AAT3238IGU-1.5-T1 AAT3238IGU-1.2 |
300mA MicroPower High Performance LDO Linear Regulator 300mA MicroPower⑩ High Performance LDO Linear Regulator 300mA MicroPower垄芒 High Performance LDO Linear Regulator
|
Advanced Analogic Technologies
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
2SD526 2SD526R 2SD526Y |
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 4A I(C) | TO-220AB POWER TRANSISTORS(4A/80V/30W) POWER TRANSISTORS(4A,80V,30W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
MIC5330 MIC5330-1.8_1.5YML MIC5330-1.8_1.6YML MIC5 |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RF Power Field Effect Transistor Microcontroller Dual, High Performance 300mA UCap ULDO Dual, 300mA UCap LDO in 2mm x 2mm MLF
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] BITECH FREESCALE
|
MIC2810-4GPYML MIC2810-4GSYML MIC2810-4GKYML MIC28 |
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
|
Micrel Semiconductor
|
MP4688 |
80V Input, 1A High Power LED Driver
|
Monolithic Power Systems
|
LT4250L LT4250H |
-20V to -80V, SO-8, Active Low Power Good -20V to -80V, SO-8, Active High Power Good
|
Linear
|