PART |
Description |
Maker |
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
EV42-160-22-SERIES EV44-100-22-SERIES EV44-160-22- |
TLC2555 Evaluation Module TLC4545 Evaluation Module TLC2551 Evaluation Module CC1000DK-868/915 MHz Development Kit CC2400DK Development Kit TPA0172 Evaluation Module Radiomodem 433 MHz CC2400DBK Demonstration Board Kit CC1000PP 433 MHz Plug and Play Module Digital Data Capture and Analysis for High Speed, High Resolution A to D Converters ADS1244 Evaluation Module SN65HVD22EVM Evaluation Module Peripheral IC 外围芯片
|
Infineon Technologies AG NXP Semiconductors N.V. Amphenol, Corp. Xicon Passive Components Electronic Theatre Controls, Inc.
|
FK10UM-10 |
RECALIBRATION SERVICE FOR B&K 1682A HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
OS904-AC-1 OS906-AC-1 OS912-DC-2 OS910-DC-1 OS910- |
OptiSwitch? 900 Series - Service Demarcation OptiSwitch庐 900 Series - Service Demarcation OptiSwitch垄莽 900 Series - Service Demarcation
|
MRV Communications, Inc.
|
XTV121000 XTV121000-16 |
A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service. Cells per unit 6 Voltage per unit 12
|
CSB Battery Co., Ltd.
|
VSC9135 VSC9138 |
Multi-service High Order/Low Order Virtual Concatenation mapper
|
http:// Vitesse Semiconductor Corporation
|
FQAF10N80 |
CAPACITOR KIT, FLEXITERM MLCCCAPACITOR KIT, FLEXITERM MLCC; Kit contents:30 Values 6.7 A, 800 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET 800V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FQA10N80 |
CAPACITOR KIT, AUTOMOTIVE, AECQ 200; Kit contents:24 Values RoHS Compliant: Yes 800V N-Channel MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
Y15-24S5 Y15-24-12 Y15-48-15 Y15-24-15 Y15-48S5 Y1 |
KIT FOOT FOR 28-SOIC KIT DEVELOPMENT PSOC EXPRESS KIT USB DEVELOPMENT BOARD PSOC PROGRAM BOARD MCU 48-SSOP MCU EMULATOR POD FOR 28-SSOP 2K x 8 Static RAM 3.3V Zero Delay Buffer KIT FOOT FOR 8-SOIC KIT FOOT FOR 20-SSOP HOTLink® Transmitter/Receiver 4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores KIT FOOT FOR 44-TQFP 模拟IC Analog IC 模拟IC MCU PSOC EMU POD FOR ALL SSOP PK 模拟IC PSOC EMU POD FEET FOR 20-DIP
|
TE Connectivity, Ltd.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|