PART |
Description |
Maker |
STM32F101RB |
Access Line, Advanced ARM-based 32-bit MCU with Flash Memory,Six 16-bit Timers, ADC and Seven Communication Interfaces(基本型,先进的基于ARM内核2位Flash MCU6位计时器,ADC个通信接口) 接入线,先进的ARM为基础的快闪记忆体6位定时器,ADC个通信接口(基本型,先进的基于ARM的内核的32位闪存微控制器,66位计时器,模数转换器2位微控制个通信接口
|
STMicroelectronics N.V.
|
STM32F101X410 STM32F101X610 |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
|
STMicroelectronics
|
STM32F100C4H6B STM32F100C4H6BTR STM32F100C4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
STM32F100V4H6B STM32F100V4H6BTR STM32F100V4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
STM32F101VBT6TR STM32F101VBT6XXX STM32F101T8T6XXX |
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
|
STMicroelectronics
|
STM32F101RCT6TR STM32F101ZET6TR STM32F101ZET6XXX S |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
STM32L031E4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
|
STMicroelectronics
|
ULN2004L ULQ2004L 2003 ULN2023A ULN2023L ULN2024A |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces 高电压,大电流达林顿阵列 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces HIGH-VOLTAGE/HIGH-CURRENTDARLINGTONARRAYS HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS HIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 7-Channel High-Current Darlington Array High-Voltage, High-Current Darlington Arrays(杈???靛?95V锛??浜???靛钩?昏??佃矾??????澶?????璐?浇?寸??ュ???????澶х?娴?揪??】?靛?) HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
|
NetPower Technologies, Inc. Allegro MicroSystems, Inc. AllegroMicroSystems ALLEGRO[Allegro MicroSystems]
|
LUCL9311GP0DT L9311 LUCL9311AP-D LUCL9311AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance/ Ringing Relay/and GR-909 Test Access
|
AGERE[Agere Systems]
|
STIH416 |
Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
|
STMicroelectronics
|
LUCL9312GP-D LUCL9312GP-DT L9312 LUCL9312AP-D LUCL |
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
|
AGERE[Agere Systems]
|