PART |
Description |
Maker |
SD103CW-T1 SD103CW-T3 SD103AW-T1 SD103AW-T3 SD103B |
SURFACE MOUNT SCHOTTKY BARRIER DIODE RECTIFIER SBR DUAL 20A 150V 200A-ifsm 780mV-vf 0.5mA-ir TO-220AB 50/TUBE
|
http:// WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
SBR30A100CTB |
RECTIFIER SBR DUAL 30A 100V 250A-ifsm 800mV-vf 0.1mA-ir D2PAK 50/TUBE 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Diodes, Inc.
|
60N15 60N15G-T47-T 60N15L-T47-T |
60A, 150V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
SBR10100CTFP-G SBR10100CT12 SBR10100CT-G SBR10100C |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 10A SBR? SUPER BARRIER RECTIFIER
|
Diodes Incorporated
|
SBR30A45PT |
RECTIFIER SBR DUAL 30A 45V 250A-ifsm 500mV-vf 0.5mA-ir TO-247 50/TUBE 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-247
|
Diodes, Inc.
|
60CDQ SD241 40CDQ 40CDQ20 40CDQ30 40CDQ35 40CDQ40 |
40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS V(rwm): 20V; 40A dual schottky center tap rectifier V(rwm): 30V; 40A dual schottky center tap rectifier V(rwm): 30V; 60A dual schottky center tap rectifier V(rwm): 40V; 60A dual schottky center tap rectifier
|
IRF[International Rectifier]
|
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|
SBR30M40CTFP-JT-G SBR30M40CTFP-G |
Low Forward Voltage Drop 30A SBR SUPER BARRIER RECTIFIER 30A SBR? SUPER BARRIER RECTIFIER
|
Diodes Incorporated
|
SB002-15CP |
150V/ 20mA Rectifier 150V, 20mA Rectifier Small signal(single type)
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
PIC16CR83T-04/P PIC16F83T-04/P PIC16LCR83T-04/P PI |
RECTIFIER SBR DUAL 10A 60V 120A-ifsm 680mV-vf 0.5mA-ir TO-220AB 50/TUBE 18引脚闪存/ EEPROM位微控制 18-pin Flash/EEPROM 8-Bit Microcontrollers 18引脚闪存/ EEPROM8位微控制 DISCR RAD FOR ROHM BH4126FV 18引脚闪存/ EEPROM位微控制 DISCR SMD FOR PHILIPSTEA5757 18引脚闪存/ EEPROM位微控制 DISCR RAD FOR PHILIPS SA636DK 18引脚闪存/ EEPROM位微控制 RECTIFIER SBR DUAL 10A 100V 150A-ifsm 670mV-vf 0.2mA-ir D2PAK 50/TUBE 18引脚闪存/ EEPROM位微控制 18-pin Flash/EEPROM 8-Bit Microcontrollers 18引脚闪存/ EEPROM位微控制 IC PLL CLOCK DRIVER 3.3V 100MHZ -40 85C 18引脚闪存/ EEPROM位微控制 RECTIFIER SBR DUAL 10A 60V 150A-ifsm 480mV-vf 0.5mA-ir ITO-220AB 50/TUBE 18引脚闪存/ EEPROM位微控制 RECTIFIER SBR DUAL 20A 100V 150A-ifsm 820mV-vf 0.1mA-ir TO-220AB 50/TUBE 18引脚闪存/ EEPROM位微控制 P-CHANNEL SILICON JUNCTION FET TO72 18引脚闪存/ EEPROM位微控制 CAT 5E CROSSOVER, BLUE 15 FT PATCH CABLE CAP.47 MF 50V CER RAD INDUCTOR, AXIAL, 9.0UH; Inductor type:Choke; Inductance:9uH; Tolerance, inductance: /-20%; Resistance:0.012R; Current, DC max:6A; Frequency, resonant:150MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes FILTER TH CERAMIC 455KHZ 20KHZ BW PIEZO FILTER,EMI.LC,40 DB@1MHZ-1GHZ,50V,TH FILTER TH CERAMIC 455KHZ 14KHZ BW PIEZO POWER QUICC -NO PB 18-pin Flash/EEPROM 8-Bit Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc.
|
SBR30300CT |
30A SBR Super Barrier Rectifier 15 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Diodes, Inc.
|
50HQ020 50HQ030 |
V(rwm): 20V; 60A schottky power rectifier V(rwm): 30V; 60A schottky power rectifier
|
International Rectifier
|