Part Number Hot Search : 
E1211 4060EFE 2SB1289 GH224 74AC2 LA1S1 MAX334 SL322
Product Description
Full Text Search
  0.1ma-ir Datasheet PDF File

For 0.1ma-ir Found Datasheets File :: 6766    Search Time::4.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SB1073

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1073
OCR Text ... 4.50.1 1.60.2 1.50.1 1.0-0.2 +0.1 Low collector to emitter saturation voltage VCE(sat). Large peak collector current ICP. Min...1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -2A*2 IC = -3A, IB = -0.1A*2 VCB = -6V, IE = 50mA, f =...
Description Silicon PNP epitaxial planer type(For low-frequency amplification)

File Size 34.72K  /  2 Page

View it Online

Download Datasheet





    2SB792 2SB792A 2SD814 2SA1310 2SB0792A

PANASONIC[Panasonic Semiconductor]
Part No. 2SB792 2SB792A 2SD814 2SA1310 2SB0792A
OCR Text ...n Complementary to 2SD814 2.8 -0.3 +0.2 Unit: mm s Features q q q 0.650.15 +0.25 1.5 -0.05 0.650.15 s Absolute Maximum ...1mA, GV = 80dB, Rg = 100k, Function = FLAT 200 4 150 -150 -185 -5 130 130 450 330 -1 V MHz pF mV min...
Description Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)

File Size 36.47K  /  2 Page

View it Online

Download Datasheet

    BAT54C-7 BAT54S-7 BAT54A-7 BAT54-7 BAT54 BAT54S BAT54A BAT54C

NXP Semiconductors N.V.
Diodes, Inc.
Diodes Inc.
DIODES[Diodes Incorporated]
Part No. BAT54C-7 BAT54S-7 BAT54A-7 BAT54-7 BAT54 BAT54S BAT54A BAT54C
OCR Text ... SOT-23 A Dim A B C Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1....1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10...
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE

File Size 67.16K  /  3 Page

View it Online

Download Datasheet

    BAT54C-T1 BAT54C-T3 BAT54S-T1 BAT54S-T3 BAT54A-T1 BAT54A-T3 BAT54-T1 BAT54-T3 BAT54

Won-Top Electronics Co., Ltd.
Part No. BAT54C-T1 BAT54C-T3 BAT54S-T1 BAT54S-T3 BAT54A-T1 BAT54A-T3 BAT54-T1 BAT54-T3 BAT54
OCR Text ...C D E G H J K L M SOT-23 Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076 Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0....1mA @IF = 1mA @IF = 10mA @IF = 30mA @IF = 100mA tp < 300s, duty cycle <2% @ VR = 25V VR = 1.0V, f = ...
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE 表面贴装肖特基势垒二极管

File Size 35.30K  /  3 Page

View it Online

Download Datasheet

    BAT54CDW BAT54CDW-7 BAT54SDW-7 BAT54ADW BAT54ADW-7 BAT54BRW-7 BAT54TW BAT54TW-7 BAT54BRW BAT54SDW BAT54JW

DIODES[Diodes Incorporated]
Diodes Inc.
Part No. BAT54CDW BAT54CDW-7 BAT54SDW-7 BAT54ADW BAT54ADW-7 BAT54BRW-7 BAT54TW BAT54TW-7 BAT54BRW BAT54SDW BAT54JW
OCR Text ...n SOT-363 A Dim A B Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8 TOP V...1mA 1mA IF = IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10...
Description    SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Low-Cost, Precision, High-Side Current-Sense Amplifier

File Size 45.33K  /  2 Page

View it Online

Download Datasheet

    BAT54CSM

SEME-LAB[Seme LAB]
Part No. BAT54CSM
OCR Text 0.51 0.10 (0.02 0.004) 0.31 rad. (0.012) SEME BAT54CSM 3 2 1 1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) 0.76 ...1mA IF = 10mA IF = 30mA VR = 0 RL = 100 f = 1MHz TA = 85C Min. Typ. Max. 2 100 0.32 0.40 0...
Description SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS

File Size 17.78K  /  2 Page

View it Online

Download Datasheet

    BAT54CW-T1 BAT54CW-T3 BAT54SW-T1 BAT54SW-T3 BAT54AW-T1 BAT54AW-T3 BAT54W-T1 BAT54W-T3 BAT54W

Won-Top Electronics Co., Ltd.
WTE[Won-Top Electronics]
Part No. BAT54CW-T1 BAT54CW-T3 BAT54SW-T1 BAT54SW-T3 BAT54AW-T1 BAT54AW-T3 BAT54W-T1 BAT54W-T3 BAT54W
OCR Text ...D E G H J K L M SOT-323 Min Max 0.30 0.40 1.15 1.35 2.00 2.20 0.65 Nominal 0.30 0.40 1.20 1.40 1.80 2.20 -- 0.10 0.90 1.10 0.25 -- 0.05 0.15...1mA @ IF = 1mA @ IF = 10mA @ IF = 30mA @ IF = 100mA tp < 300s, duty cycle < 2% @ VR = 25V VR = 1.0V,...
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE 表面贴装肖特基势垒二极管

File Size 36.12K  /  3 Page

View it Online

Download Datasheet

    BAT54C

RECTRON[Rectron Semiconductor]
Part No. BAT54C
OCR Text ...IF TJ TSTG Ratings 30 300 1.0 200 -55 to 125 -55 to 150 Unit V mW V mA o o C C Mechanical Data Items P a cka g e Lead Frame...1mA IF= 10mA IF= 30mA IF= 100mA Maximum Reverse Current VR= 25V Maximum Junction Capacitance VR= 1V,...
Description DUAL SURFACE MOUNT SCHOTTKY

File Size 16.35K  /  1 Page

View it Online

Download Datasheet

    BAT54RCLT1

ZOWIE[Zowie Technology Corporation]
Part No. BAT54RCLT1
OCR Text ... Typ. Max. 2 Unit uA o ( IF=0.1mAdc ) ( IF=1.0mAdc ) Forward Voltage ( IF=10mAdc ) ( IF=30mAdc ) ( IF=100mAdc ) VF - - 240 320 ...1mA OUTPUT PULSE (I F = I R = 10 mA; measured at iR(REC) = 1mA IF 0.1uF IF trr T tr 10% tp ...
Description SCHOTTKY BARRIER DIODE

File Size 46.97K  /  2 Page

View it Online

Download Datasheet

    ELM339 ELM339P ELM339SM

ELM[ELM Electronics]
ETC
Part No. ELM339 ELM339P ELM339SM
OCR Text ...with respect to VSS............ 0 to +7.5V Voltage on any other pin with respect to VSS........................... -0.6V to (VDD + 0.6V) Note: Stresses beyond those listed here will likely damage the device. These values are given as a desi...
Description    INFRARED REMOTE CONTROL
Interfrared remote control

File Size 26.20K  /  4 Page

View it Online

Download Datasheet

For 0.1ma-ir Found Datasheets File :: 6766    Search Time::4.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.1ma-ir

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6608810424805