PART |
Description |
Maker |
SR1545L-15A-TO-277 |
15A Surface Mount Schottky Barrier Rectifiers
|
Nanjing International G...
|
MBRB1530CT MBRB1545CT MBRB1540CT MBRB1530 |
15A Surface Mount Schottky Barrier Rectifiers From old datasheet system
|
Vishay
|
BAS16TW11 |
0.15A , 100V Surface Mount Switching Diode Array
|
SeCoS Halbleitertechnologie GmbH
|
SD530YT SD550YT SD5100YT SD5100 SD560YT SD580YT SD |
(SD520YT - SD5100YT) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压2000伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. Won-Top Electronics Co., Ltd.
|
SD530S SD550S SD5100S SD560S SD580S SD520S SD540S |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) (SD520S - SD5100S) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Panjit International Inc PANJIT[Pan Jit International Inc.]
|
SFPJ-53 SFPA-53 SFPJ-73 SFPJ-63 SFPA-63 SFPA-73 SF |
Schottky Barrier Diodes (Surface Mount) 30V(30V肖特基势垒二极管(表贴型 Schottky Barrier Diodes (Surface Mount) 30V 3 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Surface Mount) 30V 1 A, SILICON, SIGNAL DIODE SWITCH, COMPACT, 10/100, 8PORT; 2 A, SILICON, RECTIFIER DIODE
|
http:// SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
SGPD220S-15 SGPD2BS SGPD240S SGPD260S |
Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 0.2A Surface Mount Schottky Rectifier
|
GOOD-ARK Electronics
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SCD14 SCD16 SCD12 SCD13 SCD15 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
ZOWIE[Zowie Technology Corporation]
|
SK13-13-F SK15-13 SK12-13-F SK14-13 SK14-13-F SK12 |
DIODE SCHOTTKY 1A 30V SMB 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|