PART |
Description |
Maker |
ACT421LCSMX-4 |
4 pad, high quality, low aging SMD Crystal
|
Advanced Crystal Technology
|
ACT420SMX-4 |
4 pad, high quality, low aging 4x2.5mm SMD Crystal
|
Advanced Crystal Technology
|
ACT533SMX-212 |
high quality, cost competitive ceramic
|
Advanced Crystal Technology
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
AD8692 AD8692ARMZ-R2 AD8692ARMZ-REEL AD8692ARZ AD8 |
Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier Low Cost, High Performance CMOS Single Supply Amplifier
|
Analog Devices
|
LC3013PGF-022 LC3013PGN-022 LC3000 LC3011PGC-022 L |
High Performance / Low-Cost Analog Line Scan Camera KPT 4C 4#20 SKT F80 High Performance, Low-Cost Analog Line Scan Camera 高性能,低成本的模拟线扫描相机
|
PerkinElmer Optoelectro... PERKINELMER[PerkinElmer Optoelectronics] PerkinElmer Inc. PerkinElmer, Inc.
|